Electronic Components Datasheet Search
  English  ▼

X  

NLSX3013 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLSX3013
Description  8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX3013 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLSX3013 Datasheet HTML 2Page - ON Semiconductor NLSX3013 Datasheet HTML 3Page - ON Semiconductor NLSX3013 Datasheet HTML 4Page - ON Semiconductor NLSX3013 Datasheet HTML 5Page - ON Semiconductor NLSX3013 Datasheet HTML 6Page - ON Semiconductor NLSX3013 Datasheet HTML 7Page - ON Semiconductor NLSX3013 Datasheet HTML 8Page - ON Semiconductor NLSX3013 Datasheet HTML 9Page - ON Semiconductor NLSX3013 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NLSX3013
www.onsemi.com
9
IMPORTANT APPLICATIONS INFORMATION
Level Translator Architecture
The
NLSX3013
auto
sense
translator
provides
bi−directional voltage level shifting to transfer data in
multiple supply voltage systems. This device has two
supply voltages, VL and VCC, which set the logic levels on
the input and output sides of the translator. When used to
transfer data from the VL to the VCC ports, input signals
referenced to the VL supply are translated to output signals
with a logic level matched to VCC. In a similar manner, the
VCC to VL translation shifts input signals with a logic level
compatible to VCC to an output signal matched to VL.
The NLSX3013 consists of four bi−directional channels
that independently determine the direction of the data flow
without requiring a directional pin. The one−shot circuits
are used to detect the rising or falling input signals. In
addition, the one shots decrease the rise and fall time of the
output signal for high−to−low and low−to−high transitions.
Input Driver Requirements
Auto sense translators such as the NLSX3013 have a
wide bandwidth, but a relatively small DC output current
rating. The high bandwidth of the bi−directional I/O circuit
is used to quickly transform from an input to an output
driver and vice versa. The I/O ports have a modest DC
current output specification so that the output driver can be
over driven when data is sent to in the opposite direction.
For proper operation, the input driver to the auto sense
translator should be capable of driving 20 mA of peak
output current with an output impedance less than 25
W.
The bi−directional configuration of the translator results in
both input stages being active for a very short time period.
Although the peak current from the input signal circuit is
relatively large, the average current is small and consistent
with a standard CMOS input stage.
Output Load Requirements
The NLSX3013 is designed to drive CMOS inputs.
Resistive pullup or pulldown loads of less than 50 k
W
should not be used with this device. The NLSX3373 or
NLSX3378 open−drain auto sense translators are alternate
translator options for an application such as the I2C bus that
requires pullup resistors.
Enable Input (EN)
The NLSX3013 has an Enable pin (EN) that provides
tri−state operation at the I/O pins. Driving the Enable pin
to a low logic level minimizes the power consumption of
the device and drives the I/O VCC and I/O VL pins to a high
impedance state. Normal translation operation occurs
when the EN pin is equal to a logic high signal. The EN pin
is referenced to the VL supply and has Over−Voltage
Tolerant (OVT) protection.
Uni−Directional versus Bi−Directional Translation
The NLSX3013 can function as a non−inverting
uni−directional translator. One advantage of using the
translator as a uni−directional device is that each I/O pin
can be configured as either an input or output. The
configurable input or output feature is especially useful in
applications such as SPI that use multiple uni−directional
I/O lines to send data to and from a device. The flexible I/O
port of the auto sense translator simplifies the trace
connections on the PCB.
Power Supply Guidelines
During normal operation, supply voltage VL should be
less than or equal to VCC. The sequencing of the power
supplies will not damage the device during the power up
operation.
The enable pin should be used to enter the low current
tri−state mode, rather than setting either the VL or VCC
supplies to 0 V. The NLSX3013 will not be damaged if
either VL or VCC is equal to 0 V while the other supply
voltage is at a nominal operating value; however, the
operation of the translator cannot be guaranteed during
single supply operation.
For optimal performance, 0.01 to 0.1
mF decoupling
capacitors should be used on the VL and VCC power supply
pins. Ceramic capacitors are a good design choice to filter
and bypass any noise signals on the power supply voltage
lines to the ground plane of the PCB. The noise immunity
will be maximized by placing the capacitors as close as
possible to the supply and ground pins, along with
minimizing the PCB connection traces.
ORDERING INFORMATION
Device
Package
Shipping†
NLSX3013FCT1G
20 Pin Flip−Chip
(Pb−Free)
3000 / Tape & Reel
NLSX3013BFCT1G
20 Pin Flip−Chip
(Backside Laminate Coating)
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com