Electronic Components Datasheet Search
  English  ▼

X  

STM8L152R6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM8L152R6
Description  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152R6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM8L152R6 Datasheet HTML 3Page - STMicroelectronics STM8L152R6 Datasheet HTML 4Page - STMicroelectronics STM8L152R6 Datasheet HTML 5Page - STMicroelectronics STM8L152R6 Datasheet HTML 6Page - STMicroelectronics STM8L152R6 Datasheet HTML 7Page - STMicroelectronics STM8L152R6 Datasheet HTML 8Page - STMicroelectronics STM8L152R6 Datasheet HTML 9Page - STMicroelectronics STM8L152R6 Datasheet HTML 10Page - STMicroelectronics STM8L152R6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID17922 Rev 6
7/18
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
Silicon limitations
17
Workaround 2
To optimize the number of cycles added by workaround 1, you can use this workaround
instead. Workaround 2 can be used in applications with fixed interrupt priorities, identified at
the program compilation phase:
push #value
pop cc
where bits 5 and 3 of #value have to be configured according to interrupt priority given by I1
and I0, and bit 6 kept cleared.
In this case, compiler workaround 1 has to be disabled by using compiler directives.
No fix is planned for this limitation.
1.1.4
Incorrect code execution when WFE execution is interrupted by ISR
or event
Description
Two types of failures can occur:
Case 1:
In case WFE instruction is placed in the two MSB of the 32-bit word within the memory,
an event which occurs during the WFE execution cycle or re-execution cycle (when
returning from ISR handler) will cause an incorrect code execution.
Case 2:
An interrupt request, which occurs during the WFE execution cycle will lead to incorrect
code execution. This is also valid for the WFE re-execution cycle, while returning from
an ISR handler.
The above failures have no impact on the core behavior when the ISR request or events
occur in Wait for Event mode itself, out of the critical single cycle of WFE instruction
execution.
Workaround
General solution is to ensure no interrupt request or event occurs during WFE instruction
execution or re-execution cycle by proper application timing.
Dedicated workarounds:
Case 1:
Replace the WFE instruction with
WFE
JRA next
next:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com