Electronic Components Datasheet Search
  English  ▼

X  

STM8AL3138 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8AL3138
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3138 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8AL3138 Datasheet HTML 6Page - STMicroelectronics STM8AL3138 Datasheet HTML 7Page - STMicroelectronics STM8AL3138 Datasheet HTML 8Page - STMicroelectronics STM8AL3138 Datasheet HTML 9Page - STMicroelectronics STM8AL3138 Datasheet HTML 10Page - STMicroelectronics STM8AL3138 Datasheet HTML 11Page - STMicroelectronics STM8AL3138 Datasheet HTML 12Page - STMicroelectronics STM8AL3138 Datasheet HTML 13Page - STMicroelectronics STM8AL3138 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
Introduction
STM8AL313x/4x/6x STM8AL3L4x/6x
10/124
DocID18474 Rev 7
1
Introduction
This document describes the features, pinout, mechanical data and ordering information of
the medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x devices (microcontrollers
with up to 32-Kbyte Flash memory density). These devices are referred to as medium-
density devices in STM8L051/L052 Value Line, STM8L151/L152, STM8L162, STM8AL31,
STM8AL3L MCU lines reference manual (RM0031) and in STM8L and STM8AL Flash
programming manual (PM0054).
For more details on the whole STMicroelectronics ultra-low-power family please refer to
Section 3: Functional overview on page 13.
For information on the debug module and SWIM (single wire interface module), refer to the
STM8 SWIM communication protocol and debug module user manual (UM0470).
For information on the STM8 core, please refer to the STM8 CPU programming manual
(PM0044).
Note:
The medium-density devices provide the following benefits:
•
Integrated system
–
Up to 32 Kbytes of medium-density embedded Flash program memory
–
1 Kbytes of data EEPROM
–
Internal high speed and low-power low speed RC.
–
Embedded reset
•
Ultra-low power consumption
–
195 µA/MHZ + 440 µA (consumption)
–
0.9 µA with LSI in Active-halt mode
–
Clock gated system and optimized power management
–
Capability to execute from RAM for Low power wait mode and Low power run
mode
•
Advanced features
–
Up to 16 MIPS at 16 MHz CPU clock frequency
–
Direct memory access (DMA) for memory-to-memory or peripheral-to-memory
access.
•
Short development cycles
–
Application scalability across a common family product architecture with
compatible pinout, memory map and modular peripherals.
–
Wide choice of development tools
All devices offer 12-bit ADC, DAC, two comparators, Real-time clock three 16-bit timers, one
8-bit timer as well as standard communication interface such as SPI, I2C and USART. A
4x28-segment LCD is available on the medium-density STM8AL3Lxx line. Table 2: Medium-
density STM8AL313x/4x/6x and STM8AL3L4x/6x low-power device features and peripheral
counts and Section 3: Functional overview give an overview of the complete range of
peripherals proposed in this family.
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com