Electronic Components Datasheet Search
  English  ▼

X  

STM32F334X4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F334X4
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334X4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F334X4 Datasheet HTML 6Page - STMicroelectronics STM32F334X4 Datasheet HTML 7Page - STMicroelectronics STM32F334X4 Datasheet HTML 8Page - STMicroelectronics STM32F334X4 Datasheet HTML 9Page - STMicroelectronics STM32F334X4 Datasheet HTML 10Page - STMicroelectronics STM32F334X4 Datasheet HTML 11Page - STMicroelectronics STM32F334X4 Datasheet HTML 12Page - STMicroelectronics STM32F334X4 Datasheet HTML 13Page - STMicroelectronics STM32F334X4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
Description
STM32F334x4 STM32F334x6 STM32F334x8
10/115
DocID025409 Rev 5
2
Description
The STM32F334x4/6/8 family incorporates the high-performance ARM® Cortex®-M4 32-bit
RISC core operating at up to 72 MHz frequency embedding a floating point unit (FPU),
high-speed embedded memories (up to 64 Kbytes of Flash memory, up to 12 Kbytes of
SRAM), and an extensive range of enhanced I/Os and peripherals connected to two APB
buses.
The STM32F334x4/6/8 microcontrollers offer two fast 12-bit ADCs (5 Msps), up to three
ultra-fast comparators, an operational amplifier, three DAC channels, a low-power RTC, one
high-resolution timer, one general-purpose 32-bit timer, one timer dedicated to motor
control, and four general-purpose 16-bit timers. They also feature standard and advanced
communication interfaces: one I2C, one SPI, up to three USARTs and one CAN.
The STM32F334x4/6/8 family operates in the –40 to +85 °C and –40 to +105 °C
temperature ranges from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving
modes allows the design of low-power applications.
The STM32F334x4/6/8 family offers devices in 32, 48 and 64-pin packages.
Depending on the device chosen, different sets of peripherals are included.
Table 2. STM32F334x4/6/8 family device features and peripheral counts
Peripheral
STM32F334Kx
STM32F334Cx
STM32F334Rx
Flash memory (Kbyte)
1632641632641632
64
SRAM on data bus (Kbyte)
12
Core coupled memory SRAM
on instruction bus (CCM
SRAM) (Kbyte)
4
Timers
High-resolution
timer
1 (16-bit / 10 channels)
Advanced
control
1 (16-bit)
General purpose
4 (16-bit)
1 (32 bit)
Basic
2 (16-bit)
SysTick timer
1
Watchdog timers
(independent,
window)
2
PWM channels
(all)(1)
20
26
28
PWM channels
(except
complementary)
14
20
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com