Electronic Components Datasheet Search
  English  ▼

X  

21054E Datasheet(PDF) 1 Page - Microchip Technology

Part # 21054E
Description  16K 1.8V I2C SERIAL EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

21054E Datasheet(HTML) 1 Page - Microchip Technology

  21054E Datasheet HTML 1Page - Microchip Technology 21054E Datasheet HTML 2Page - Microchip Technology 21054E Datasheet HTML 3Page - Microchip Technology 21054E Datasheet HTML 4Page - Microchip Technology 21054E Datasheet HTML 5Page - Microchip Technology 21054E Datasheet HTML 6Page - Microchip Technology 21054E Datasheet HTML 7Page - Microchip Technology 21054E Datasheet HTML 8Page - Microchip Technology 21054E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21054E-page 1
FEATURES
• Single supply with operation down to 1.8V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
-3
µA standby current typical at 1.8V
• Organized as 8 blocks of 256 bytes (8 x 256 x 8)
• 2-wire serial interface bus, I2C
™ compatible
• Schmitt trigger, filtered inputs for noise suppres-
sion
• Output slope control to eliminate ground bounce
• 100 kHz (1.8V) and 400 kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 16 bytes
• 2 ms typical write cycle time for page-write
• Hardware write protect for entire memory
• Can be operated as a serial ROM
• ESD protection > 4,000V
• 10,000,000 erase/write cycles guaranteed
• Data retention > 200 years
• 8-pin DIP, 8-lead or 14-lead SOIC packages
• Available for extended temperature ranges
DESCRIPTION
The Microchip Technology Inc. 24AA16 is a 1.8 volt 16K
bit Electrically Erasable PROM. The device is orga-
nized as eight blocks of 256 x 8-bit memory with a 2-
wire serial interface. Low voltage design permits oper-
ation down to 1.8 volts with standby and active currents
of only 3
µA and 1 mA, respectively. The 24AA16 also
has a page-write capability for up to 16 bytes of data.
The 24AA16 is available in the standard 8-pin DIP and
both 8-lead and 14-lead surface mount SOIC pack-
ages.
- Commercial (C):
0˚C to +70
°C
- Industrial (I):
-40
°C to +85°C
PACKAGE TYPES
BLOCK DIAGRAM
14-lead SOIC
NC
SS
CC
A0
A1
NC
A2
NC
V
1
2
3
4
5
6
7
14
13
12
NC
SCL
SDA
NC
9
8
11
10
WP
V
NC
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
PDIP
8-lead
SOIC
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
XDEC
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
I/O
CONTROL
LOGIC
WP
SDA
SCL
VCC
VSS
24AA16
16K 1.8V I2C™ Serial EEPROM
I2C is a trademark of Philips Corporation.
This document was created with FrameMaker404


Similar Part No. - 21054E

ManufacturerPart #DatasheetDescription
logo
SICK AG
2105497 SICK-2105497 Datasheet
304Kb / 4P
Plug connector cable
2105499 SICK-2105499 Datasheet
319Kb / 4P
Plug connector cable
More results

Similar Description - 21054E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
8K/16K 1.8V Microwire Serial EEPROM
1996
24AA164 MICROCHIP-24AA164 Datasheet
124Kb / 12P
16K 1.8V Cascadable I2CTM Serial EEPROM
1999
24AA16 MICROCHIP-24AA16_03 Datasheet
317Kb / 24P
16K I2C??Serial EEPROM
2003
24AA174 MICROCHIP-24AA174 Datasheet
168Kb / 12P
16K 1.8V Cascadable I2C??Serial EEPROM with OTP Security Page
2004
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
8K/16K 1.8V Microwire Serial EEPROM
2004
24AA16 MICROCHIP-24AA16_09 Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
24AA16 MICROCHIP-24AA16_12 Datasheet
1Mb / 40P
16K I2C??Serial EEPROM
11/29/12
24AA16T-I MICROCHIP-24AA16T-I Datasheet
423Kb / 26P
16K I2C Serial EEPROM
12/08/06
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
16K I2C Serial EEPROM
12/08/06
24LC16B MICROCHIP-24LC16B_16 Datasheet
381Kb / 26P
16K I2C Serial EEPROM
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com