Electronic Components Datasheet Search
  English  ▼

X  

M27C64A Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27C64A
Description  64K (8K x 8) UV EPROM and OTP ROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27C64A Datasheet HTML 3Page - STMicroelectronics M27C64A Datasheet HTML 4Page - STMicroelectronics M27C64A Datasheet HTML 5Page - STMicroelectronics M27C64A Datasheet HTML 6Page - STMicroelectronics M27C64A Datasheet HTML 7Page - STMicroelectronics M27C64A Datasheet HTML 8Page - STMicroelectronics M27C64A Datasheet HTML 9Page - STMicroelectronics M27C64A Datasheet HTML 10Page - STMicroelectronics M27C64A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
at 12.5V, will program that M27C64A. A high level
E input inhibits the other M27C64A from being
programmed.
Program Verify
A verify (read) should be performed on the pro-
grammed bits to determine that they were correctly
programmed. The verify is accomplished with E
and G at VIL, P at VIH,VPP at 12.5V and VCC at 6V.
Electronic Signature
The Electronic Signature mode allows the reading
out of a binary code from an EPROM that will
identify its manufacturer and type. This mode is
intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
This mode is functional in the 25
°C ± 5°C ambient
temperature range that is required when program-
ming the M27C64A. To activate this mode, the
programming equipmentmust force 11.5V to 12.5V
on address line A9 of the M27C64A, with
VPP=VCC=5V. Two identifier bytes may then be
sequenced from the device outputs by toggling
address line A0 from VIL to VIH. All other address
lines must be held at VIL during Electronic Signa-
ture mode.
Byte 0 (A0=VIL) represents the manufacturer code
and byte 1 (A0=VIH) the device identifier code. For
the SGS-THOMSON M27C64A, these two identi-
fier bytes are given in Table 4 and can be read-out
on outputs Q0 to Q7.
ERASURE OPERATION (applies to UV EPROM)
The erasure characteristics of the M27C64A is
such that erasure begins when the cells are ex-
posed to light with wavelengths shorter than ap-
proximately 4000 Å. It should be noted that sunlight
and some type of fluorescent lamps have wave-
lengths in the 3000-4000 Å range.
Research
shows that constant exposure to room level fluo-
rescent lighting could erase a typical M27C64A in
about 3 years, while it would take approximately 1
week to cause erasure when exposed to direct
sunlight. If the M27C64A is to be exposed to these
types of lighting conditions for extended periods of
time, it is suggested that opaque labels be put over
the M27C64Awindow to prevent unintentional era-
sure. The recommended erasure procedure for
the M27C64A is exposure to short wave ultraviolet
light which has a wavelength of 2537 Å. The inte-
grated dose (i.e. UV intensity x exposure time) for
erasure should be a minimum of 15 W-sec/cm2.
The erasure time with this dosage is approximately
15 to 20 minutes using an ultraviolet lamp with
12000 uW/cm2 power rating. The M27C64A should
be placed within 2.5 cm (1 inch) of the lamp tubes
during the erasure. Some lamps have a filter on
their tubeswhich should be removed beforeerasure.
DEVICE OPERATIONS (cont’d)
Speed
-15
150 ns
-20
200 ns
-25
250 ns
-30
300 ns
Package
F
FDIP28W
C
PLCC32
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
Option
X
Additional
Burn-in
TR
Tape & Reel
Packing
Example:
M27C64A
-15 F
1 TR
ORDERING INFORMATION SCHEME
For a list of available options (Speed, Package, etc...) refer to the current Memory Shortform catalogue.
For further information on any aspect of this device, please contact SGS-THOMSON Sales Office nearest
to you.
8/11
M27C64A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com