Electronic Components Datasheet Search
  English  ▼

X  

TSX7192IST Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSX7192IST
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7192IST Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSX7192IST Datasheet HTML 6Page - STMicroelectronics TSX7192IST Datasheet HTML 7Page - STMicroelectronics TSX7192IST Datasheet HTML 8Page - STMicroelectronics TSX7192IST Datasheet HTML 9Page - STMicroelectronics TSX7192IST Datasheet HTML 10Page - STMicroelectronics TSX7192IST Datasheet HTML 11Page - STMicroelectronics TSX7192IST Datasheet HTML 12Page - STMicroelectronics TSX7192IST Datasheet HTML 13Page - STMicroelectronics TSX7192IST Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Electrical characteristics
TSX7192
10/25
DocID027196 Rev 1
Figure 2: Supply current vs. supply voltage
Figure 3: Input offset voltage distribution at VCC = 16 V
Figure 4: Input offset voltage distribution
at VCC = 4 V
Figure 5: Input offset voltage vs. temperature
at VCC = 16 V
Figure 6: Input offset voltage
drift population
Figure 7: Input offset voltage vs. supply voltage
at VICM = 0 V
0
2
4
6
8
10
12
14
16
0
200
400
600
800
T=25°C
T=-40°C
T=125°C
Vicm=Vcc/2
Supply Voltage (V)
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
0
5
10
15
20
Vcc=16V
Vicm=8V
T=25°C
Input offset voltage (µV)
-300
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
0
5
10
15
20
Vcc=4V
Vicm=2V
T=25°C
Input offset voltage (µV)
-40
-20
0
20
40
60
80
100
120
-600
-400
-200
0
200
400
600
Vio limit
Vcc=16V
Vicm=8V
Temperature (°C)
-4
-3
-2
-1
0
1
2
3
4
0
5
10
15
20
25
30
35
40
Vcc=16V
Vicm=8V
T=25°C
∆Vio/∆T (µV/ºC)
4
6
8
10
12
14
16
-600
-400
-200
0
200
400
600
T=25°C
T=-40°C
T=125°C
Vicm=0V
Supply voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com