Electronic Components Datasheet Search
  English  ▼

X  

UM1857 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1857
Description  Stepper motor driver expansion board based on L6474 for STM32 Nucleo
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1857 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1857 Datasheet HTML 1Page - STMicroelectronics UM1857 Datasheet HTML 2Page - STMicroelectronics UM1857 Datasheet HTML 3Page - STMicroelectronics UM1857 Datasheet HTML 4Page - STMicroelectronics UM1857 Datasheet HTML 5Page - STMicroelectronics UM1857 Datasheet HTML 6Page - STMicroelectronics UM1857 Datasheet HTML 7Page - STMicroelectronics UM1857 Datasheet HTML 8Page - STMicroelectronics UM1857 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UM1857
Hardware description and configuration
DocID027377 Rev 2
5/9
Connector
Pin(1)
Signal
Remarks
8
DIR1
CN6
2
VDD
6
Ground
7
Ground
CN8
3
SPI CS
See Section 2.1: "Selecting the chip select and clock
lines of the SPI"
Notes:
(1)All the non-listed pins are not connected.
Table 2: ST Morpho connector table
Connector
Pin(1)
Signal
Remarks
CN10
9
Ground
11
SPI SCK
See Section 2.1: "Selecting the chip select and clock
lines of the SPI"
13
SPI MISO
See Section 2.2: "Multi motor configuration"
15
SPI MOSI
17
SPI CS
See Section 2.1: "Selecting the chip select and clock
lines of the SPI"
19
PWM1
See Section 2.2: "Multi motor configuration"
21
L6474
STBY\\RESET
23
DIR1
See Section 2.2: "Multi motor configuration"
25
PWM3
27
DIR3
29
DIR2
31
PWM2
See Section 2.1: "Selecting the chip select and clock
lines of the SPI" and Section 2.2: "Multi motor
configuration"
33
L6474 FLAG
output
CN7
12
VDD
20
Ground
22
Ground
32
SPI CS
See Section 2.1: "Selecting the chip select and clock
lines of the SPI"
Notes:
(1)All the non-listed pins are not connected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com