Electronic Components Datasheet Search
  English  ▼

X  

AD9753 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9753
Description  12-Bit, 300 MSPS High-Speed TxDACD/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753 Datasheet(HTML) 1 Page - Analog Devices

  AD9753 Datasheet HTML 1Page - Analog Devices AD9753 Datasheet HTML 2Page - Analog Devices AD9753 Datasheet HTML 3Page - Analog Devices AD9753 Datasheet HTML 4Page - Analog Devices AD9753 Datasheet HTML 5Page - Analog Devices AD9753 Datasheet HTML 6Page - Analog Devices AD9753 Datasheet HTML 7Page - Analog Devices AD9753 Datasheet HTML 8Page - Analog Devices AD9753 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9753*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
12-Bit, 300 MSPS
High-Speed TxDAC+
® D/A Converter
FUNCTIONAL BLOCK DIAGRAM
AVDD
ACOM
REFIO
FSADJ
PORT1
IOUTA
IOUTB
AD9753
DVDD
DCOM
LATCH
LATCH
CLK+
CLK–
CLKVDD
PLLVDD
CLKCOM
RESET LPF DIV0 DIV1 PLLLOCK
PLL
CLOCK
MULTIPLIER
DAC
REFERENCE
MUX
PORT2
PRODUCT DESCRIPTION
The AD9753 is a dual, muxed port, ultrahigh-speed, single-
channel, 12-bit CMOS DAC. It integrates a high-quality 12-bit
TxDAC+ core, a voltage reference, and digital interface circuitry
into a small 48-lead LQFP package. The AD9753 offers excep-
tional ac and dc performance while supporting update rates up
to 300 MSPS.
The AD9753 has been optimized for ultrahigh-speed applica-
tions up to 300 MSPS where data rates exceed those possible on
a single data interface port DAC. The digital interface consists
of two buffered latches as well as control logic. These latches
can be time multiplexed to the high-speed DAC in several ways.
This PLL drives the DAC latch at twice the speed of the exter-
nally applied clock and is able to interleave the data from the
two input channels. The resulting output data rate is twice that
of the two input channels. With the PLL disabled, an external
2
× clock may be supplied and divided by two internally.
The CLK inputs (CLK+/CLK–) can be driven either differen-
tially or single-endedly, with a signal swing as low as 1 V p-p.
FEATURES
12-Bit Dual Muxed Port DAC
300 MSPS Output Update Rate
Excellent SFDR and IMD Performance
SFDR to Nyquist @ 25 MHz Output: 69 dB
Internal Clock Doubling PLL
Differential or Single-Ended Clock Input
On-Chip 1.2 V Reference
Single 3.3 V Supply Operation
Power Dissipation: 155 mW @ 3.3 V
48-Lead LQFP
APPLICATIONS
Communications: LMDS, LMCS, MMDS
Base Stations
Digital Synthesis
QAM and OFDM
The DAC utilizes a segmented current source architecture com-
bined with a proprietary switching technique to reduce glitch
energy and to maximize dynamic accuracy. Differential current
outputs support single-ended or differential applications. The
differential outputs each provide a nominal full-scale current
from 2 mA to 20 mA.
The AD9753 is manufactured on an advanced low cost 0.35
µm
CMOS process. It operates from a single supply of 3.1 V to 3.5 V
and consumes 155 mW of power.
PRODUCT HIGHLIGHTS
1. The AD9753 is a member of a pin-compatible family of high-
speed TxDAC+s providing 10-, 12-, and 14-bit resolution.
2. Ultrahigh-Speed 300 MSPS Conversion Rate.
3. Dual 12-Bit Latched, Multiplexed Input Ports. The AD9753
features a flexible digital interface allowing high-speed data
conversion through either a single or dual port input.
4. Low Power. Complete CMOS DAC function operates on
155 mW from a 3.1 V to 3.5 V single supply. The DAC full-
scale current can be reduced for lower power operation.
5. On-Chip Voltage Reference. The AD9753 includes a 1.20 V
temperature-compensated bandgap voltage reference.
TxDAC+ is a registered trademark of Analog Devices, Inc.
*Protected by U.S. Patent numbers 5450084, 5568145, 5689257 and 5703519.
Other patents pending.


Similar Part No. - AD9753

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9753 AD-AD9753 Datasheet
77Kb / 1P
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
AD9753-EB AD-AD9753-EB Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9753AST AD-AD9753AST Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9753ASTRL AD-AD9753ASTRL Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
More results

Similar Description - AD9753

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742 AD-AD9742 Datasheet
783Kb / 20P
12-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9752 AD-AD9752 Datasheet
364Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD97651 AD-AD97651 Datasheet
472Kb / 28P
12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9751 AD-AD9751 Datasheet
714Kb / 26P
10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV.0
AD9755 AD-AD9755 Datasheet
532Kb / 28P
14-Bit, 300 MSPS High Speed TxDAC D/A Converter
6/03-Data Sheet changed from REV. A to REV. B.
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com