Electronic Components Datasheet Search
  English  ▼

X  

AD9753-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9753-EB
Description  12-Bit, 300 MSPS High-Speed TxDACD/A Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9753-EB Datasheet HTML 11Page - Analog Devices AD9753-EB Datasheet HTML 12Page - Analog Devices AD9753-EB Datasheet HTML 13Page - Analog Devices AD9753-EB Datasheet HTML 14Page - Analog Devices AD9753-EB Datasheet HTML 15Page - Analog Devices AD9753-EB Datasheet HTML 16Page - Analog Devices AD9753-EB Datasheet HTML 17Page - Analog Devices AD9753-EB Datasheet HTML 18Page - Analog Devices AD9753-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
REV. 0
AD9753
–15–
IOUTFS – mA
40
20
0
20
10
0
35
10
30
25
15
5
2.5
5
7.5
12.5
15
17.5
Figure 17. IAVDD vs. IOUTFS
RATIO – fOUT/fDAC
20
16
0
1
0.01
0.001
18
14
12
10
8
6
4
2
0.1
300MSPS
200MSPS
100MSPS
50MSPS
25MSPS
Figure 18. IDVDD vs. fOUT/fDAC Ratio
fDAC – MHz
10
0
300
150
0
9
8
7
6
5
4
3
2
50
100
200
250
1
175
25
75
125
225
275
DIV SETTING 00
DIV SETTING 11
DIV SETTING 10
DIV SETTING 01
Figure 19. PLLVDD vs. fDAC
APPLYING THE AD9753
OUTPUT CONFIGURATIONS
The following sections illustrate some typical output configura-
tions for the AD9753. Unless otherwise noted, it is assumed
that IOUTFS is set to a nominal 20 mA. For applications requir-
ing the optimum dynamic performance, a differential output
configuration is suggested. A differential output configuration
may consist of either an RF transformer or a differential op amp
configuration. The transformer configuration provides the opti-
mum high-frequency performance and is recommended for any
application allowing for ac-coupling. The differential op amp
configuration is suitable for applications requiring dc-coupling,
a bipolar output, signal gain, and/or level shifting, within the
bandwidth of the chosen op amp.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage will
result if IOUTA and/or IOUTB are connected to an appropriately
sized load resistor, RLOAD, referred to ACOM. This configura-
tion may be more suitable for a single-supply system requiring a
dc-coupled, ground referred output voltage. Alternatively, an
amplifier could be configured as an I-V converter, thus converting
IOUTA or IOUTB into a negative unipolar voltage. This configuration
provides the best dc linearity since IOUTA or IOUTB is maintained
at a virtual ground. Note that IOUTA provides slightly better per-
formance than IOUTB.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion as shown in Figure 20. A
differentially coupled transformer output provides the optimum
distortion performance for output signals whose spectral content
lies within the transformer’s passband. An RF transformer such
as the Mini-Circuits T1–1T provides excellent rejection of com-
mon-mode distortion (i.e., even-order harmonics) and noise
over a wide frequency range. When IOUTA and IOUTB are termi-
nated to ground with 50
Ω, this configuration provides 0 dBm
power to a 50
Ω load on the secondary with a DAC full-scale
current of 20 mA. A 2:1 transformer such as the Coilcraft
WB2040-PC can also be used in a configuration in which IOUTA
and IOUTB are terminated to ground with 75
Ω. This configura-
tion improves load matching and increases power to 2 dBm into
a 50
Ω load on the secondary. Transformers with different imped-
ance ratios may also be used for impedance matching purposes.
Note that the transformer provides ac-coupling only.
RLOAD
AD9753
MINI-CIRCUITS
T1-1T
IOUTA
IOUTB
Figure 20. Differential Output Using a Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com