Electronic Components Datasheet Search
  English  ▼

X  

MSP100 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # MSP100
Description  Analog and 14-Bit Digital Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MSP100 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  MSP100 Datasheet HTML 1Page - TE Connectivity Ltd MSP100 Datasheet HTML 2Page - TE Connectivity Ltd MSP100 Datasheet HTML 3Page - TE Connectivity Ltd MSP100 Datasheet HTML 4Page - TE Connectivity Ltd MSP100 Datasheet HTML 5Page - TE Connectivity Ltd MSP100 Datasheet HTML 6Page - TE Connectivity Ltd MSP100 Datasheet HTML 7Page - TE Connectivity Ltd MSP100 Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSP100
Pressure Transducer
SENSOR SOLUTIONS ///MSP100
08/2016
Page 2
PERFORMANCE SPECIFICATIONS
(ANALOG, OUTPUT SIGNAL “2”)
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
4.75
5.00
5.25
Vdc
Zero Offset
-2
2
mV
Ratiometric
Span
98
100
102
mV
Ratiometric
Current Consumption
2
mA
Proof Pressure
1.5X
Rated
Burst Pressure
3X
Rated
Endurance
1E+6
0~FS Cycles
Accuracy
-0.5
±0.2
0.5
%Span
RSS of BFSL: Linearity,
Hysteresis, Repeatability
Long Term Stability
0.25
%Span
Minimum Resistance between
Transducer and Body
50
MΩ
@250Vdc
Thermal Zero Shift
-2.0
2.0
%Span
Reference to 25°C over
Compensated Temperature
Thermal Span Shift
-2.0
2.0
%Span
Reference to 25°C over
Compensated Temperature
Compensation Temperature
0
45
°C
Operating Temperature
0
55
°C
Response Time (10% to 90%)
0.1
mS
Vibration
±20g MIL-STD-810C, Procedure 514.2, Figure 514.2-2, Curve L
Shock
50g, 11 msec half sine shock per mil standard 202F. Method 213B, Condition A
For custom configurations, consult factory.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com