Electronic Components Datasheet Search
  English  ▼

X  

MSP340 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # MSP340
Description  Pressure Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

MSP340 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  MSP340 Datasheet HTML 1Page - TE Connectivity Ltd MSP340 Datasheet HTML 2Page - TE Connectivity Ltd MSP340 Datasheet HTML 3Page - TE Connectivity Ltd MSP340 Datasheet HTML 4Page - TE Connectivity Ltd MSP340 Datasheet HTML 5Page - TE Connectivity Ltd MSP340 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SENSOR SOLUTIONS ///MSP340
Page 1
09/2015
Shown with Packard Connector
Shown with Packard Connector
MSP340
Pressure Transducer
SPECIFICATIONS
Low Cost OEM
100% Leak Proof
No O-Rings
No Silicon Oil
No Welds
The
MSP340
pressure
transducer
from
the
Microfused
™ line of MEAS is great for high volume, commercial
and industrial applications. This series is suitable for measurement
of liquid or gas pressure, even for difficult media such as
contaminated water, steam, and mildly corrosive fluids.
The transducer pressure cavity is machined from a solid
piece of 17-4 PH stainless steel. The standard version includes a
1/4 NPT pipe thread allowing a leak-proof, all metal sealed system.
There are no O-rings, welds or organics exposed to the pressure
media. The durability is excellent.
MEAS’ proprietary Microfused™ technology, derived from
demanding aerospace applications, employs micromachined
silicon piezoresistive strain gages fused with high temperature
glass to a stainless steel diaphragm. This approach achieves
media compatibility simply and elegantly while providing an
exceptionally stable sensor without the p-n junctions of
conventional micromachined sensors.
This product is geared to the OEM customer who uses
medium to high volumes. The standard version is suitable for many
applications, but the dedicated design team at our Transducer
Engineering Center stands ready to provide a semi-custom design
where the volume and application warrants.


Similar Part No. - MSP340

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
Multistandard Sound Processor
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
Multistandard Sound Processors
MSP3400G MICRONAS-MSP3400G Datasheet
1Mb / 106P
Multistandard Sound Processor Family
logo
MORE Semiconductor Comp...
MSP3401 MORESEMI-MSP3401 Datasheet
403Kb / 6P
-30V(D-S) P-Channel Enhancement Mode Power MOS FET
logo
Micronas
MSP3401G MICRONAS-MSP3401G Datasheet
871Kb / 104P
Multistandard Sound Processor Family with Virtual Dolby Surround
More results

Similar Description - MSP340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Advanced XTAL Products
PDK-P-M AXTAL-PDK-P-M Datasheet
170Kb / 1P
QUARTZ PRESSURE TRANSDUCER
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
U5200 TEC-U5200 Datasheet
172Kb / 8P
Industrial Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com