Electronic Components Datasheet Search
  English  ▼

X  

AS7C31026 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS7C31026
Description  5V/3.3V 64Kx6 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS7C31026 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C31026 Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
®
10
ALLIANCE SEMICONDUCTOR
DID 11-20011-A. 5/22/00
AS7C1026
AS7C31026
Ordering codes
NA: not available.
Part numbering system
Package \ Access time
Volt/Temp
10 ns
12 ns
15 ns
20 ns
Plastic SOJ, 400 mil
5V commercial
NA
AS7C1026-12JC
AS7C1026-15JC
AS7C1026-20JC
5V industrial
NA
AS7C1026-12JI
AS7C1026-15JI
AS7C1026-20JI
3.3V commercial AS7C31026-10JC
AS7C31026-12JC
AS7C31026-15JC AS7C31026-20JC
TSOP II, 18.4×10.2 mm
5V commercial
NA
AS7C1026-12TC
AS7C1026-15TC
AS7C1026-20TC
3.3V commercial AS7C31026-10TC AS7C31026-12TC AS7C31026-15TC AS7C31026-20TC
3.3V industrial
NA
AS7C31026-12TI
AS7C31026-15TI AS7C31026-20TI
CSP BGA, 8×6 mm
5V commercial
NA
AS7C1026-12BC
AS7C1026-15BC
AS7C1026-20BC
3.3V commercial AS7C31026-10BC AS7C31026-12BC AS7C31026-15BC AS7C31026-20BC
3.3V industrial
NA
AS7C31026-12BI
AS7C31026-15BI AS7C31026-20BI
AS7C
X
1026
–XX
X
C
SRAM
prefix
Blank=5V CMOS
3=3.3V CMOS
Device
number
Access
time
Package: J=SOJ 400 mil
T=TSOP type 2, 18.4 × 10.2 mm
B=CSP BGA, 8 × 6 mm
Temperature range,
C=Commercial: 0° C to 70° C
I=Industrial: -40° C to 85° C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com