Electronic Components Datasheet Search
  English  ▼

X  

LM2900 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2900
Description  LM2900/LM3900/LM3301 Quad Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2900 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2900 Datasheet HTML 1Page - National Semiconductor (TI) LM2900 Datasheet HTML 2Page - National Semiconductor (TI) LM2900 Datasheet HTML 3Page - National Semiconductor (TI) LM2900 Datasheet HTML 4Page - National Semiconductor (TI) LM2900 Datasheet HTML 5Page - National Semiconductor (TI) LM2900 Datasheet HTML 6Page - National Semiconductor (TI) LM2900 Datasheet HTML 7Page - National Semiconductor (TI) LM2900 Datasheet HTML 8Page - National Semiconductor (TI) LM2900 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLH7936
February 1995
LM2900LM3900LM3301 Quad Amplifiers
General Description
The LM2900 series consists of four independent dual input
internally compensated amplifiers which were designed
specifically to operate off of a single power supply voltage
and to provide a large output voltage swing These amplifi-
ers make use of a current mirror to achieve the non-invert-
ing input function Application areas include ac amplifiers
RC active filters low frequency triangle squarewave and
pulse waveform generation circuits tachometers and low
speed high voltage digital logic gates
Features
Y
Wide single supply voltage
4 VDC to 32 VDC
Range or dual supplies
g
2VDC to g16 VDC
Y
Supply current drain independent of supply voltage
Y
Low input biasing current
30 nA
Y
High open-loop gain
70 dB
Y
Wide bandwidth
25 MHz (unity gain)
Y
Large output voltage swing
(V
a
b
1) Vp-p
Y
Internally frequency compensated for unity gain
Y
Output short-circuit protection
Schematic and Connection Diagrams
TLH7936 – 1
Dual-In-Line and SO
TLH7936 – 2
Top View
Order Number LM2900N LM3900M LM3900N or LM3301N
See NS Package Number M14A or N14A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2900

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2900 MOTOROLA-LM2900 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM2900 TI-LM2900 Datasheet
618Kb / 16P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM2900 TI-LM2900 Datasheet
618Kb / 16P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM2900 TI1-LM2900 Datasheet
491Kb / 26P
Quad Amplifiers
LM2900 TI2-LM2900 Datasheet
519Kb / 17P
QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
REVISED SEPTEMBER 1990
More results

Similar Description - LM2900

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324 Datasheet
111Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2005
logo
GTM CORPORATION
GHLM324 GTM-GHLM324 Datasheet
421Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324_1111 UTC-LM324_1111 Datasheet
208Kb / 6P
QUAD OPERATIONAL AMPLIFIERS
2011
logo
Texas Instruments
LM2900-N TI1-LM2900-N Datasheet
491Kb / 26P
Quad Amplifiers
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
Unisonic Technologies
LM2058 UTC-LM2058 Datasheet
249Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
LM324 UTC-LM324_15 Datasheet
247Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2014
LM324 UTC-LM324_17 Datasheet
193Kb / 5P
QUAD OPERATIONAL AMPLIFIERS
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com