Electronic Components Datasheet Search
  English  ▼

X  

S4025R Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # S4025R
Description  Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S4025R Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  S4025R Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
S4025R
DESCRIPTION
·
Electrically Non-isolated package
·
High Vdrm and Vrrm.
·
High temperature stability.
APPLICATIONS
·
It is suitable to fit all modes of control applications.
such as Solid State Relays,Heating controller,Phased
circuits,motor control circuits in electric tools and cleaner.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
V
VRRM
Repetitive peak reverse voltage
400
V
IT(AV)
Average on-stage current
TC=80℃
16
A
IT(RMS)
RMS on-state current
TC=105℃
25
A
PG(AV)
Average gate power dissipation
Tj=125℃
1
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM, ,
Tj=25℃
10
μ
A
Tj=125℃
1
mA
IDRM
Repetitive peak off-state current
VDM=VDRM,
Tj=25℃
10
μ
A
Tj=125℃
1
mA
VTM
On-state voltage
ITM= 25A
1.6
V
VGD
No trigger voltage
Tj=125℃
0.2
V
IGT
Gate-trigger current
VD= 12V; RL=60Ω
30
mA
VGT
Gate-trigger voltage
VD= 12V; RL=60Ω
1.5
V
IH
Holding current
IT= 0.5A; Gate Open
60
mA
Rth(j-c)
Thermal resistance
Junction to case
1.25
℃
/W


Similar Part No. - S4025R

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4025R TECCOR-S4025R Datasheet
1Mb / 12P
SCRs 1-70 AMPS NON-SENSITIVE GATE
S4025R TECCOR-S4025R Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S4025R LITTELFUSE-S4025R Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S4025R LITTELFUSE-S4025R Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S4025R NJSEMI-S4025R Datasheet
1Mb / 2P
Electrical Specifications
More results

Similar Description - S4025R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com