Electronic Components Datasheet Search
  English  ▼

X  

GZ2 Datasheet(PDF) 1 Page - General Semiconductor

Part # GZ2
Description  Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GZ2 Datasheet(HTML) 1 Page - General Semiconductor

  GZ2 Datasheet HTML 1Page - General Semiconductor GZ2 Datasheet HTML 2Page - General Semiconductor GZ2 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GZ Series
Zener Diodes
7/7/00
Mechanical Data
Case: DO-35 Glass Case
Weight: approx. 0.13g
Marking:
GS
Type
Grade
Packaging Codes/Options:
D7/10K per 13” reel (52mm tape), 20K/box
D8/10K per Ammo tape (52mm tape), 20K/box
DO-204AH (DO-35 Glass)
Dimensions in inches and (millimeters)
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd
500
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
Tstg
–55 to +175
°C
New
Product
Features
• Silicon Planar Power Zener Diodes.
• Voltage spectrum from 2.2V to 38V
• The Zener voltages are graded according to
voltage bands instead of by tolerance.
• Low Zener impedence and low leakage current
• Popular in Asian designs


Similar Part No. - GZ2

ManufacturerPart #DatasheetDescription
logo
Relpol S.A.
GZ2 RELPOL-GZ2 Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
Diodes Incorporated
GZ23C5V6 DIODES-GZ23C5V6 Datasheet
292Kb / 4P
DUAL SURFACE MOUNT ZENER DIODE
Rev. 6 - 4 March 2021
GZ23C5V6-7 DIODES-GZ23C5V6-7 Datasheet
292Kb / 4P
DUAL SURFACE MOUNT ZENER DIODE
Rev. 6 - 4 March 2021
GZ23C5V6 DIODES-GZ23C5V6_15 Datasheet
207Kb / 4P
DUAL SURFACE MOUNT ZENER DIODE
Rev 5
More results

Similar Description - GZ2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com