Electronic Components Datasheet Search
  English  ▼

X  

CDP6402CDX Datasheet(PDF) 11 Page - Harris Corporation

Part # CDP6402CDX
Description  CMOS Universal Asynchronous Receiver/Transmitter (UART)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CDP6402CDX Datasheet(HTML) 11 Page - Harris Corporation

Back Button CDP6402CDX Datasheet HTML 4Page - Harris Corporation CDP6402CDX Datasheet HTML 5Page - Harris Corporation CDP6402CDX Datasheet HTML 6Page - Harris Corporation CDP6402CDX Datasheet HTML 7Page - Harris Corporation CDP6402CDX Datasheet HTML 8Page - Harris Corporation CDP6402CDX Datasheet HTML 9Page - Harris Corporation CDP6402CDX Datasheet HTML 10Page - Harris Corporation CDP6402CDX Datasheet HTML 11Page - Harris Corporation CDP6402CDX Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
5-84
NOTES:
1. The holding register is loaded on the trailing edge of TBRL.
2. The transmitter shift register, if empty , is loaded on the first high-to-low transition of the clock which occurs at least 1/2 clock period +
tTHC after the trailing edge of TBRL and transmission of a start bit occurs 1/2 clock period + tCD later.
FIGURE 7. TRANSMITTER TIMING WAVEFORMS
TRC
TBRL
TRO
TBRE
TRE
T BUS 0
T BUS 7
tCC
tCL
tCH
tTHC
12
tTHTH
tCD
tCT
tTTS
tTTHR
tDT
tDT
DATA
tCD
1ST DATA BIT
TRANSMITTER SHIFT
REGISTER LOADED
(NOTE 2)
TRANSMITTER BUFFER
REGISTER LOADED
(NOTE 1)
34
56
7
14
15
16
1
23
NOTES:
1. If a start bit occurs at a time less than tDC before a high-to-low transition of the clock, the start bit may not be recognized until the next
high-to-low transition of the clock. The start bit may be completely asynchronous with the clock.
2. If a pending DA has not been cleared by a read of the receiver holding register by the time a new word is loaded into the receiver holding
register, the OE signal will come true..
FIGURE 8. RECEIVER TIMING WAVEFORMS
RRC
R BUS 7
DR
DRR
tCC
tCL
tCH
tDC
12
START BIT PARITY
tDDA
tCDV
CLOCK 7 1/2
SAMPLE
34
56
7
16
(NOTE 1)
RRI
12
34
56
78
9
STOP BIT 1
CLOCK 7 1/2 LOAD
HOLDING REGISTER
DATA
tCDA
tDD
tCOE
tCPE
tCFE
R BUS 0 -
OE
PE
(NOTE 2)
FE
CDP6402, CDP6402C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com