Electronic Components Datasheet Search
  English  ▼

X  

DG213 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # DG213
Description  Quad Complementary CMOS Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG213 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  DG213 Datasheet HTML 1Page - TEMIC Semiconductors DG213 Datasheet HTML 2Page - TEMIC Semiconductors DG213 Datasheet HTML 3Page - TEMIC Semiconductors DG213 Datasheet HTML 4Page - TEMIC Semiconductors DG213 Datasheet HTML 5Page - TEMIC Semiconductors DG213 Datasheet HTML 6Page - TEMIC Semiconductors DG213 Datasheet HTML 7Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DG213
4
Siliconix
S-56461—Rev. C, 29-Dec-97
Typical Characteristics
0
50
100
150
200
250
300
02468
10
12
85
_C
–20 –16 –12 –8
–4
0
4
8
12
16
20
40
50
60
70
80
90
100
110
0
10
20
30
40
50
–15
–10
–5
0
5
10
15
"5 V
rDS(on) vs. VD and Power Supply Voltages
VD – Drain Voltage (V)
"10 V
"15 V
"20 V
rDS(on) vs. VD and Temperature
VD – Drain Voltage (V)
125
_C
25
_C
–55
_C
V+ = 15 V
V– = –15 V
30
20
10
60
70
80
90
100
rDS(on) vs. VD and Single Power Supply Voltages
VD – Drain Voltage (V)
5 V
7 V
10 V
12 V
–20
–15
–10
–5
0
5
10
15
20
40
20
0
–20
–40
Leakage Currents vs. Analog Voltage
IS(off), ID(off)
ID(on)
–55
25
45
5
–15
65
1 nA
100 pA
10 pA
–35
1 pA
85
105 125
V+ = 15 V
V– = –15 V
VS, VD = "14 V
IS(off), ID(off)
Temperature (
_C)
Leakage Current vs. Temperature
VANALOG – Analog Voltage (V)
V+ = 22 V
V– = –22 V
TA = 25_C
30
10
–10
–30
–15
–10
–5
0
5
10
15
30
20
10
0
–10
–20
–30
V+ = 15 V
V– = –15 V
V+ = 12 V
V– = 0 V
QS, QD – Charge Injection vs. Analog Voltage
VANALOG – Analog Voltage (V)
V– = 0 V
VL = 5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com