Electronic Components Datasheet Search
  English  ▼

X  

DM54125 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54125
Description  Quad TRI-STATE Buffers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54125 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54125 Datasheet HTML 1Page - National Semiconductor (TI) DM54125 Datasheet HTML 2Page - National Semiconductor (TI) DM54125 Datasheet HTML 3Page - National Semiconductor (TI) DM54125 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
RL e 400X
Symbol
Parameter
CL e 5pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
15
ns
Low to High Level Output
tPHL
Propagation Delay Time
18
ns
High to Low Level Output
tPZH
Output Enable Time to
18
ns
High Level Output
tPZL
Output Enable Time to
25
ns
Low Level Output
tPHZ
Output Disable Time from
8ns
High Level Output
tPLZ
Output Disable Time from
14
ns
Low Level Output
Physical Dimensions inches (millimeters)
14-Lead Ceramic Dual-In-Line Package (J)
Order Number 54125DMQB or DM54125J
NS Package Number J14A
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com