Electronic Components Datasheet Search
  English  ▼

X  

IPW65R080CFD Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # IPW65R080CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW65R080CFD Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button IPW65R080CFD Datasheet HTML 7Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 8Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 9Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 10Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 11Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 12Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 13Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 14Page - Infineon Technologies AG IPW65R080CFD Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
>
! "
# $
/ 0
=
1 A/6
) 0
2 & n
2 & n
2 & n
2 & n
& 2
2 &
2 &
Cb = 2 %
b& =
, 2 2 =
2
2 & '
)
.:
& 0
2
: :
6
.:
.
,
3
/
2 &D
H .
,
.:
1,22
2 =& : &
< 8
>
F -
%
%
% -
.0
.
E G
5 *
% /
-
/ & % H
-
%
'
-
/ /
2
.
%
4 D
?
!
+
3
(31(3
&
9
&
.
1 * -
@
&
7 .
A 3
9
&
.
/ &
/
0
!
8
%
. &
%
%
&
5
.
.
%
' " %
/
-
/
%
. &
%
0
- -/
&
%
:
-
.
. %
//
%
&
0 !
%
.
%
5-
-
5
- *
0
.
%
0
+
.
/ /
- .%
- %
/
-'
9
%
%
.-0
& -
/
/
-
!
%
.
2555!
!
4'
<
%
H
0
/
-
.
5
'
% -/
H
0
/
%
!
%
.
'
% !
%
.
/
5
%
%
- 5
+ //
&
-
:
& 0 &
/
//
-
-
% %
/
// &
!
%
.
0
%
/
5 - 5
/
%
%
+ //
0
& 0 &
/
&
-
%
-
&
%
&
-
' <
//
&
-
5
/
% %
5
-
//
:
:
/
%
' ! % -
0
5
%
% %
%
%
%
/
- 5
.
'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com