Electronic Components Datasheet Search
  English  ▼

X  

LM2926 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2926
Description  Low Dropout Regulator with Delayed Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2926 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2926 Datasheet HTML 1Page - National Semiconductor (TI) LM2926 Datasheet HTML 2Page - National Semiconductor (TI) LM2926 Datasheet HTML 3Page - National Semiconductor (TI) LM2926 Datasheet HTML 4Page - National Semiconductor (TI) LM2926 Datasheet HTML 5Page - National Semiconductor (TI) LM2926 Datasheet HTML 6Page - National Semiconductor (TI) LM2926 Datasheet HTML 7Page - National Semiconductor (TI) LM2926 Datasheet HTML 8Page - National Semiconductor (TI) LM2926 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Continued)
V
IN = 14.4V, CO = 10 µF, −40˚C ≤ TJ ≤ 125˚C, unless otherwise specified.
Parameter
Conditions
Typ
Limit
Units
(Note 4)
(Note 5)
(Limit)
REGULATOR OUTPUT
Maximum Operational Input
Voltage
Continuous
26
V (min)
Peak Transient Input Voltage
V
O ≤ 7V, RL = 100Ω,tf = 100 ms
80
V (min)
Reverse DC Input Voltage
V
O ≥ −0.6V, RL = 100Ω
−18
V (min)
Reverse Transient Input Voltage
t
r = 1 ms, RL = 100Ω
−50
V (min)
RESET OUTPUT
Threshold
∆V
O Required for Reset Condition (Note 7)
−80
mV (min)
−250
mV
−400
mV (max)
Output Low Voltage
I
SINK = 1.6 mA, VIN = 3.2V
0.15
0.4
V (max)
Internal Pull-Up Resistance
30
k
Ω
Delay Time
C
DELAY = 10 nF (See Timing Curve)
19
ms
Minimum Operational V
IN
Delayed Reset Output
≤ 0.8V,
2.2
V
on Power Up
I
SINK = 1.6 mA, RL = 100Ω
3.2
V (min)
Minimum Operational V
O
Delay Reset Output
≤ 0.8V,
0.7
V
on Power Down
I
SINK = 10 µA, VIN = 0V
DELAY CAPACITOR PIN
Threshold Difference (
∆V
DELAY)
Change in Delay Capacitor Voltage Required
3.5
V (min)
for Reset Output to Return High
3.75
V
4.1
V (max)
Charging Current (I
DELAY)
1.0
µA (min)
2.0
µA
3.0
µA (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Human body model; 100 pF discharged through a 1.5 k
Ω resistor.
Note 3: The maximum power dissipation is a function of TJMAX, and θJA, and TA, and is limited by thermal shutdown. The maximum allowable power dissipation at
any ambient temperature is PD = (TJMAX–TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150˚C and the device will go into thermal shut-
down. For the LM2926 and LM2927, the junction-to-ambient thermal resistance is 53˚C/W, and the junction-to-case thermal resistance is 3˚C/W.
Note 4: Typicals are at TJ = 25˚C and represent the most likely parametric norm.
Note 5: Limits are 100% guaranteed by production testing.
Note 6: Dropout voltage is the input-output differential at which the circuit ceases to regulate against any further reduction in input voltage. Dropout voltage is mea-
sured when the output voltage (VO) has dropped 100 mV from the nominal value measured at VIN = 14.4V.
Note 7: The reset flag is set LOW when the output voltage has dropped an amount,
∆VO, from the nominal value measured at VIN = 14.4V.
Typical Performance Characteristics
Output Voltage
DS010759-15
Low Voltage Behavior
DS010759-16
Output at Voltage Extremes
DS010759-32
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com