Electronic Components Datasheet Search
  English  ▼

X  

G219 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # G219
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G219 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  G219 Datasheet HTML 1Page - List of Unclassifed Manufacturers G219 Datasheet HTML 2Page - List of Unclassifed Manufacturers G219 Datasheet HTML 3Page - List of Unclassifed Manufacturers G219 Datasheet HTML 4Page - List of Unclassifed Manufacturers G219 Datasheet HTML 5Page - List of Unclassifed Manufacturers G219 Datasheet HTML 6Page - List of Unclassifed Manufacturers G219 Datasheet HTML 7Page - List of Unclassifed Manufacturers G219 Datasheet HTML 8Page - List of Unclassifed Manufacturers G219 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Ver 1.2
Feb 08, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G219
Global Mixed-mode Technology Inc.
SE Termination Resistance Rse -
Vtpwr @T=24ºC;Vline=0V
105
107
109
111
113
115
3.5
4.5
5.5
Vtpwr
SE Termination Resistance Rse -
Vtpwr @Vline=0V
105
106
107
108
109
110
111
112
113
114
115
-20
0
20
40
60
80
100
Temperature(ºC)
SE Termination Resistance Rse -
Vtpwr @Vtpwr=5V;T=24ºC
105
107
109
111
113
115
01
23
Vline
Vref - Ivref@Vtpwr=5V
2.79
2.81
2.83
2.85
2.87
2.89
2.91
2.93
-250 -150 -50
50
150 250
350
Ivref(mA)
T=80ºC
T=-10ºC
Vref - Temperature@Ivref=0mA
2.79
2.81
2.83
2.85
2.87
2.89
2.91
2.93
-20
0
20
40
60
80
100
Temperature(ºC)
Vtpwr=5.8V
Vtpwr=3.8V
Vref - Vtpwr@T=24ºC
2.79
2.81
2.83
2.85
2.87
2.89
2.91
2.93
3.5
4.5
5.5
Vtpwr
Ivref=360mA
Ivref=-200mA
Ivref=0mA
Vtpwr=3.8V
Vtpwr=5.8V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com