Electronic Components Datasheet Search
  English  ▼

X  

GMRB6 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # GMRB6
Description  Giant Magneto Resistive Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

GMRB6 Datasheet(HTML) 1 Page - Infineon Technologies AG

  GMRB6 Datasheet HTML 1Page - Infineon Technologies AG GMRB6 Datasheet HTML 2Page - Infineon Technologies AG GMRB6 Datasheet HTML 3Page - Infineon Technologies AG GMRB6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Giant Magneto Resistive Position Sensor
Version 2.0
GMR B6
Data Sheet
1
2000-07-01
This angle sensor is based on the Giant Magneto Resistive (GMR) technology.
It is outstanding for the huge tolerances it offers to the user in assembly.
6, 3
supply
5 (= 2)
ground
1, 4
GMR bridge access
Type
Marking
Ordering Code
GMR B6
B
Q62705-K5004
Features
• GMR sensor in SMD package
• Sensitive to the direction,
not to the intensity of the
magnetic field
• Constant
T
C of basic
resistance
R and magneto
resistance
∆R
Applications
• Rotation and linear sensing
with large airgaps
• Angle encoders
• Contactless potentiometers
• Incremental encoders
Pin Configuration
OHS00429
2
R
R
13
R
R
4
14
63
2/5
Dimensions in mm
0.3 -0.05
+0.1
+0.1
-0.05
0.6
64
1
B
A
0.25 M B
0.08 ... 0.15
1.1 max
2˚ ... 30˚
0.1 max
A
M
0.20
2.9 ±0.1
23
5
1.9
GPW06957
0.2
±0.15
0.35
0.8
0.3
0.5
0.45
Reflow soldering
Directions of internal
magnetization


Similar Part No. - GMRB6

ManufacturerPart #DatasheetDescription
logo
Rohm
GMR ROHM-GMR Datasheet
917Kb / 8P
High power low ohmic chip shunt resistors
GMR ROHM-GMR Datasheet
1Mb / 7P
High power metal plate shunt resistors
2022.09 - Rev.006
GMR ROHM-GMR Datasheet
1Mb / 8P
High power metal plate shunt resistors
2025.03 - Rev.009
GMR100 ROHM-GMR100 Datasheet
917Kb / 8P
High power low ohmic chip shunt resistors
GMR100 ROHM-GMR100 Datasheet
1Mb / 7P
High power metal plate shunt resistors
2022.09 - Rev.006
More results

Similar Description - GMRB6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMRC6 ETC-GMRC6 Datasheet
146Kb / 3P
GIANT MAGNETO RESISTIVE POSITION POSITION SENSOR
logo
Infineon Technologies A...
GMRS6 INFINEON-GMRS6 Datasheet
29Kb / 3P
Giant Magneto Resistive Position Sensor
1999-04-01
GMRS4 INFINEON-GMRS4 Datasheet
33Kb / 3P
Giant Magneto Resistive Position Sensor
1999-04-01
TLE5012B INFINEON-TLE5012B Datasheet
2Mb / 50P
Giant Magneto Resistance (GMR)-based principle
Rev. 2.0, 2014-02
TLE5014 INFINEON-TLE5014 Datasheet
1Mb / 45P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014D INFINEON-TLE5014D Datasheet
438Kb / 13P
Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
logo
Standex Electronics, In...
A47-HS1-5KP21 STANDEX-A47-HS1-5KP21 Datasheet
598Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev CAA
A47-HS1-P5P21 STANDEX-A47-HS1-P5P21 Datasheet
550Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev DAA
M12-HS1-5KCB2 STANDEX-M12-HS1-5KCB2 Datasheet
572Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev CCA
S38-HS1-5KP21 STANDEX-S38-HS1-5KP21 Datasheet
604Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev CBA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com