Electronic Components Datasheet Search
  English  ▼

X  

LD39020 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD39020
Description  200 mA very low quiescent current linear regulator IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD39020 Datasheet HTML 4Page - STMicroelectronics LD39020 Datasheet HTML 5Page - STMicroelectronics LD39020 Datasheet HTML 6Page - STMicroelectronics LD39020 Datasheet HTML 7Page - STMicroelectronics LD39020 Datasheet HTML 8Page - STMicroelectronics LD39020 Datasheet HTML 9Page - STMicroelectronics LD39020 Datasheet HTML 10Page - STMicroelectronics LD39020 Datasheet HTML 11Page - STMicroelectronics LD39020 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Maximum ratings
LD39020
8/30
DocID025316 Rev 3
4
Maximum ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Input voltage
- 0.3 to 7
V
VOUT
Output voltage
- 0.3 to VIN + 0.3
V
VEN
Enable input voltage
- 0.3 to 7
V
IOUT
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
- 40 to 150
°C
TOP
Operating junction temperature range
- 40 to 125
°C
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. All values
are referred to GND.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient, DFN1x1-4L
250
°C/W
RthJC
Thermal resistance junction-case, SOT23-5L
81
°C/W
RthJA
Thermal resistance junction-ambient, SOT23-5L
255
°C/W
Table 4: ESD Performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD Protection voltage
HBM
4
kV
MM
400
V
CDM
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com