Electronic Components Datasheet Search
  English  ▼

X  

TMP411CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411CD
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 3Page - Texas Instruments TMP411CD Datasheet HTML 4Page - Texas Instruments TMP411CD Datasheet HTML 5Page - Texas Instruments TMP411CD Datasheet HTML 6Page - Texas Instruments TMP411CD Datasheet HTML 7Page - Texas Instruments TMP411CD Datasheet HTML 8Page - Texas Instruments TMP411CD Datasheet HTML 9Page - Texas Instruments TMP411CD Datasheet HTML 10Page - Texas Instruments TMP411CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
7
SERIES RESISTANCE CANCELLATION
Series resistance in an application circuit that typically
results from printed circuit board (PCB) trace resistance
and remote line length (see Figure 11) is automatically
cancelled by the TMP411, preventing what would
otherwise result in a temperature offset.
A total of up to 3k
Ω of series line resistance is cancelled
by the TMP411, eliminating the need for additional
characterization and temperature offset correction.
See the two Remote Temperature Error vs Series
Resistance typical characteristics curves for details on the
effect of series resistance and power-supply voltage on
sensed remote temperature error.
DIFFERENTIAL INPUT CAPACITANCE
The TMP411 tolerates differential input capacitance of up
to 1000pF with minimal change in temperature error. The
effect of capacitance on sensed remote temperature error
is illustrated in typical characteristic Remote Temperature
Error vs Differential Capacitance. (Figure 6).
TEMPERATURE MEASUREMENT DATA
Temperature measurement data are taken over a default
range of 0
°C to +127°C for both local and remote locations.
Measurements from −55
°C to +150°C can be made both
locally and remotely by reconfiguring the TMP411 for the
extended temperature range. To change the TMP411
configuration
from
the
standard
to
the
extended
temperature range, switch bit 2 (RANGE) of the
Configuration Register from low to high.
Temperature data resulting from conversions within the
default measurement range are represented in binary
form, as shown in Table 1, Standard Binary column. Note
that any temperature below 0
°C results in a data value of
zero (00h). Likewise, temperatures above +127
°C result in
a value of 127 (7Fh). The device can be set to measure
over an extended temperature range by changing bit 2 of
the Configuration Register from low to high. The change in
measurement range and data format from standard binary
to extended binary occurs at the next temperature
conversion.
For
data
captured
in
the
extended
temperature range configuration, an offset of 64 (40h) is
added to the standard binary value, as shown in Table 1,
Extended Binary column. This configuration allows
measurement of temperatures below 0
°C. Note that binary
values corresponding to temperatures as low as −64
°C,
and as high as +191
°C are possible; however, most
temperature sensing diodes only measure with the range
of −55
°C to +150°C. Additionally, the TMP411 is rated only
for ambient local temperatures ranging from −40
°C to
+125
°C. Parameters in the Absolute Maximum Ratings
table must be observed.
Table 1. Temperature Data Format
(Local and Remote Temperature High Bytes)
LOCAL/REMOTE TEMPERATURE REGISTER
HIGH BYTE VALUE (+1
°C RESOLUTION)
TEMP
STANDARD BINARY
EXTENDED BINARY
TEMP
(
°C)
BINARY
HEX
BINARY
HEX
−64
0000 0000
00
0000 0000
00
−50
0000 0000
00
0000 1110
0E
−25
0000 0000
00
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1111
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
NOTE: Whenever changing between standard and
extended temperature ranges, be aware that the
temperatures stored in the temperature limit registers are
NOT automatically reformatted to correspond to the new
temperature range format. These temperature limit values
must be reprogrammed in the appropriate binary or
extended binary format.
Both local and remote temperature data use two bytes for
data storage. The high byte stores the temperature with
1
°C resolution. The second or low byte stores the decimal
fraction value of the temperature and allows a higher
measurement resolution; see Table 2. The measurement
resolution for the remote channel is 0.0625
°C, and is not
adjustable. The measurement resolution for the local
channel is adjustable; it can be set for 0.5
°C, 0.25°C,
0.125
°C, or 0.0625°C by setting the RES1 and RES0 bits
of the Resolution Register; see the Resolution Register
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com