Electronic Components Datasheet Search
  English  ▼

X  

STM32F469NI Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F469NI
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469NI Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F469NI Datasheet HTML 9Page - STMicroelectronics STM32F469NI Datasheet HTML 10Page - STMicroelectronics STM32F469NI Datasheet HTML 11Page - STMicroelectronics STM32F469NI Datasheet HTML 12Page - STMicroelectronics STM32F469NI Datasheet HTML 13Page - STMicroelectronics STM32F469NI Datasheet HTML 14Page - STMicroelectronics STM32F469NI Datasheet HTML 15Page - STMicroelectronics STM32F469NI Datasheet HTML 16Page - STMicroelectronics STM32F469NI Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 217 page
background image
DocID028196 Rev 3
13/217
STM32F469xx
Description
46
These features make the STM32F469xx microcontrollers suitable for a wide range of
applications:
•
Motor drive and application control
•
Medical equipment
•
Industrial applications: PLC, inverters, circuit breakers
•
Printers, and scanners
•
Alarm systems, video intercom, and HVAC
•
Home audio appliances
Figure 5 shows the general block diagram of the device family.
Table 2. STM32F469xx features and peripheral counts
Peripherals
Flash memory in Kbytes
512
1024
2048
512
1024
2048
512
1024
2048
512
1024
2048
512
1024
2048
512
1024
2048
SRAM in
Kbytes
System
384 (160+32+128+64)
Backup
4
FMC memory controller
Yes
Quad-SPI
Yes
Ethernet
No
Yes
Timers
General-
purpose
10
Advanced-
control
2
Basic
2
Random number generator
Yes
Communication
interfaces
SPI / I2S
4/2(full duplex)(1)
6/2(full duplex)(1)
I2C3
USART/UART
4/3
4/4
USB OTG FS
Yes
USB OTG HS
Yes
CAN
2
SAI
1
SDIO
Yes
Camera interface
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com