Electronic Components Datasheet Search
  English  ▼

X  

HCPL-4100500 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-4100500
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4100500 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4100500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4100500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4100500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4100500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4100500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4100500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4100500 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-4100500 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-4100500 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
-40
0.2
0
TA – TEMPERATURE – °C
060
0.3
0.1
-20
20
40
0.4
0.5
0.6
80
100
tPLH
CO = 1000 pF
CL = 15 pF
VCC = 5 V
IO = 20 mA
tPHL
Figure 5. Test Circuit for tPLH, tPHL,
tr, and tf.
Figure 6. Waveforms for tPLH, tPHL, tr, and tf.
Figure 7. Typical Propagation Delay
vs. Temperature.
Figure 8. Typical Rise, Fall Times vs.
Temperature.
-40
20
0
TA – TEMPERATURE – °C
060
30
10
-20
20
40
40
50
60
70
80
100
tf
VCC = 5 V
COUT = 1000 pF
CL = 15 pF
IO = 20 mA
tr
Figure 9. Test Circuit for Common
Mode Transient Immunity.
Figure 10. Typical Waveforms for
Common Mode Transient Immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com