Electronic Components Datasheet Search
  English  ▼

X  

NJM7800S Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM7800S
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM7800S Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM7800S Datasheet HTML 2Page - New Japan Radio NJM7800S Datasheet HTML 3Page - New Japan Radio NJM7800S Datasheet HTML 4Page - New Japan Radio NJM7800S Datasheet HTML 5Page - New Japan Radio NJM7800S Datasheet HTML 6Page - New Japan Radio NJM7800S Datasheet HTML 7Page - New Japan Radio NJM7800S Datasheet HTML 8Page - New Japan Radio NJM7800S Datasheet HTML 9Page - New Japan Radio NJM7800S Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NJM7800S
- 9 -
Ver.2016-01-08
■ TYPICAL CHARACTERISTICS (24V)
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
1000
Output Current : Io [mA]
NJM7824SDL1
Ripple Rejection Ratio vs. Output Current
V
IN=33V
ein=2V
P-P
f=120Hz
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
0
20
40
60
80
100
120
10
100
1k
10k
100k
Frequency : f [Hz]
NJM7824SDL1
Ripple Rejection Ratio vs. Frequency
V
IN=33V
ein=2V
P-P
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
I
O=0mA
I
O=100mA
I
O=300mA
I
O=500mA
0
50
100
150
200
0.001
0.01
0.1
1
10
100
1000
Output Current : Io [mA]
NJM7824SDL1
Output Noise Voltage vs. Output Current
V
IN=33V
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
0
500
1000
1500
2000
2500
0
10
20
30
40
Dropout Voltage :
V
IO [V]
NJM7824SDL1
Short Circuit Output Current
C
IN=0.33µF
C
O=0.1µF
Tj=25ºC
0
0.5
1
1.5
2
2.5
3
0
500
1000
1500
Output Current : I
O [mA]
NJM7824SDL1
Dropout Voltage vs. Output Current
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com