Electronic Components Datasheet Search
  English  ▼

X  

NJU6229 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU6229
Description  32.768kHz output Tuning fork Quartz Crystal Oscillator IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6229 Datasheet(HTML) 4 Page - New Japan Radio

  NJU6229 Datasheet HTML 1Page - New Japan Radio NJU6229 Datasheet HTML 2Page - New Japan Radio NJU6229 Datasheet HTML 3Page - New Japan Radio NJU6229 Datasheet HTML 4Page - New Japan Radio NJU6229 Datasheet HTML 5Page - New Japan Radio NJU6229 Datasheet HTML 6Page - New Japan Radio NJU6229 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2014/10/29 ( 4 / 7 )
NJU6229 Series
Preliminary
■ELECTRICAL CHARACTERISTICS
(Ta=+25
C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
fosc=32.768kHz
1.62
5.50
V
Input Voltage
VIN
CONT
0
5.50
V
Output Voltage
VOUT
FOUT
0
VDD
V
(VDD=1.62 to 5.50V, VSS=0V, Ta=+25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Current
IDD
VDD=1.80V, No Load
1.00
2.00
µA
VDD=2.50V, No Load
1.30
2.60
VDD=3.30V, No load
1.60
3.20
VDD=5.00V, No load
2.70
5.40
VDD=1.80V, CL=15pF
2.30
4.60
VDD=2.50V, CL=15pF
3.00
6.00
VDD=3.30V, CL=15pF
3.80
7.60
VDD=5.00V, CL=15pF
5.80
11.60
Oscillation Stopping
Current
ISTB
VDD=1.80V, CONT=VSS, No load
0.65
1.30
µA
VDD=2.50V, CONT=VSS, No load
0.70
1.40
VDD=3.30V, CONT=VSS, No load
0.75
1.50
VDD=5.00V, CONT=VSS, No load
0.90
1.80
“ High level”
Output Voltage
VOH
IOH=-400μA, VDD=1.62V~5.50V
VDD-0.4
VDD
V
“ Low level”
Output Voltage
VOL
IOL=400μA, VDD=1.62V~5.50V
0.4
V
Input Voltage
VIH
CONT
0.7VDD
V
VIL
CONT
0.3VDD
V
3-state Off Leakage
Current
IOZ
CONT=VSS, FOUT= VDD or VSS
±0.1
µA
* Under development and tentative value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com