Electronic Components Datasheet Search
  English  ▼

X  

TC52N4527ECTTR Datasheet(PDF) 10 Page - Microchip Technology

Part # TC52N4527ECTTR
Description  Dual-Channel Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC52N4527ECTTR Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC52N4527ECTTR Datasheet HTML 4Page - Microchip Technology TC52N4527ECTTR Datasheet HTML 5Page - Microchip Technology TC52N4527ECTTR Datasheet HTML 6Page - Microchip Technology TC52N4527ECTTR Datasheet HTML 7Page - Microchip Technology TC52N4527ECTTR Datasheet HTML 8Page - Microchip Technology TC52N4527ECTTR Datasheet HTML 9Page - Microchip Technology TC52N4527ECTTR Datasheet HTML 10Page - Microchip Technology TC52N4527ECTTR Datasheet HTML 11Page - Microchip Technology TC52N4527ECTTR Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
 2001-2015 Microchip Technology Inc.
DS20001430E-page 10
TC52
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
XX
Package
Temperature
Range
Device
Device:
TC52N3027ECTTR: 3.0V and 2.7V Dual Channel Voltage
Detector (Tape and Reel)
TC52N4527ECTTR: 4.5V and 2.7V Dual Channel Voltage
Detector (Tape and Reel)
Output Configuration:
N = Open Drain
Detected Voltage 1:
30 = 3.0V
45 = 4.5V
Detected Voltage 2:
27 = 2.7V
Temperature Range:
E= -40
°C to +125°C
Package:
CT = Plastic Small Outline Transistor (CT), 5-Lead
Examples:
a) TC52N3027ECTTR: 3.0V and 2.7V
Dual Channel Voltage Detector,
5LD SOT-23 package,
Tape and Reel
b) TC52N4527ECTTR: 4.5V and 2.7V
Dual Channel Voltage Detector,
5LD SOT-23 package,
Tape and Reel
XX
Tape and Reel
XX
Detected
Voltage 1
XX
Detected
Voltage 2
X
Output
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com