Electronic Components Datasheet Search
  English  ▼

X  

SST11CP16 Datasheet(PDF) 5 Page - Microchip Technology

Part # SST11CP16
Description  5.1-5.9 GHz High-Linearity Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11CP16 Datasheet(HTML) 5 Page - Microchip Technology

  SST11CP16 Datasheet HTML 1Page - Microchip Technology SST11CP16 Datasheet HTML 2Page - Microchip Technology SST11CP16 Datasheet HTML 3Page - Microchip Technology SST11CP16 Datasheet HTML 4Page - Microchip Technology SST11CP16 Datasheet HTML 5Page - Microchip Technology SST11CP16 Datasheet HTML 6Page - Microchip Technology SST11CP16 Datasheet HTML 7Page - Microchip Technology SST11CP16 Datasheet HTML 8Page - Microchip Technology SST11CP16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005050B
9/14
5
5.1-5.9 GHz High-Linearity Power Amplifier
SST11CP16
Data Sheet
Electrical Specifications
The AC and DC specifications for the power amplifier interface signals. Refer to Table 3 for the DC voltage and
current specifications. Refer to Figures 4 through 8 for RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Supply Voltage at pins 4, 14, 15, and 16 (VCC) ............................... -0.3V to +5.9V
Supply Voltage at pins 5,6, and 7 (VREF) .................................... -0.3V to +3.6V
DC supply current (ICC) ...................................................... 600mA
Operating Temperature (TA) ............................................. -20ºC to +85ºC
Storage Temperature (TSTG) ........................................... -40ºC to +120ºC
Maximum Junction Temperature (TJ) ............................................ +150ºC
Maximum Output Power...................................................... 27dBm
Surface Mount Solder Reflow Temperature ............................ 260°C for 10 seconds
Table 2: Operating Range
Range
Ambient Temp
VCC
Industrial
-10°C to +85°C
5.0V-5.5V
T2.1 75050
Table 3: DC Electrical Characteristics
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage
5.0
V
ICC
Supply Current @ POUT =22dBm
VCC = 5.0V
340
mA
ICQ
VCC Quiescent Current
VCC = 5.0V
250
mA
IOFF
Shut down current
1.0
10
µA
VREG
Recommended Reference Voltage
2.85
V
IREG
Total Reference Current
8
mA
VDET
RF Power Detector Voltage Output level
0.4
1.1
V
T3.0 75050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com