Electronic Components Datasheet Search
  English  ▼

X  

IRF7313 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7313
Description  HEXFET POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7313 Datasheet(HTML) 1 Page - International Rectifier

  IRF7313 Datasheet HTML 1Page - International Rectifier IRF7313 Datasheet HTML 2Page - International Rectifier IRF7313 Datasheet HTML 3Page - International Rectifier IRF7313 Datasheet HTML 4Page - International Rectifier IRF7313 Datasheet HTML 5Page - International Rectifier IRF7313 Datasheet HTML 6Page - International Rectifier IRF7313 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HEXFET® Power MOSFET
PD - 91480B
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
9/12/02
SO-8
VDSS = 30V
RDS(on) = 0.029Ω
IRF7313
Description
Symbol
Maximum
Units
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
± 20
TA = 25°C
6.5
TA = 70°C
5.2
Pulsed Drain Current
IDM
30
Continuous Source Current (Diode Conduction)
IS
2.5
TA = 25°C
2.0
TA = 70°C
1.3
Single Pulse Avalanche Energy
‚
EAS
82
mJ
Avalanche Current
IAR
4.0
A
Repetitive Avalanche Energy
EAR
0.20
mJ
Peak Diode Recovery dv/dt
ƒ
dv/dt
5.8
V/ ns
Junction and Storage Temperature Range
TJ,TSTG
-55 to + 150
°C
Thermal Resistance Ratings
Parameter
Symbol
Limit
Units
Maximum Junction-to-Ambient
…
RθJA
62.5
°C/W
Absolute Maximum Ratings ( TA = 25°C Unless Otherwise Noted)
Continuous Drain Current
…
Maximum Power Dissipation
…
A
ID
PD
V
W
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
l
Generation V Technology
l
Ultra Low On-Resistance
l
Dual N-Channel MOSFET
l
Surface Mount
l
Fully Avalanche Rated


Similar Part No. - IRF7313

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7313 EVVOSEMI-IRF7313 Datasheet
361Kb / 7P
Dual N Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7313PBF IRF-IRF7313PBF Datasheet
205Kb / 7P
HEXFET Power MOSFET
IRF7313PBF IRF-IRF7313PBF Datasheet
210Kb / 7P
Generation V Technology
IRF7313PBF IRF-IRF7313PBF Datasheet
210Kb / 7P
GENERATION V TECHNOLOGY
IRF7313PBF-1 IRF-IRF7313PBF-1 Datasheet
210Kb / 7P
Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7313

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com