Electronic Components Datasheet Search
  English  ▼

X  

LM2917M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2917M
Description  Frequency to Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2917M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2917M Datasheet HTML 1Page - National Semiconductor (TI) LM2917M Datasheet HTML 2Page - National Semiconductor (TI) LM2917M Datasheet HTML 3Page - National Semiconductor (TI) LM2917M Datasheet HTML 4Page - National Semiconductor (TI) LM2917M Datasheet HTML 5Page - National Semiconductor (TI) LM2917M Datasheet HTML 6Page - National Semiconductor (TI) LM2917M Datasheet HTML 7Page - National Semiconductor (TI) LM2917M Datasheet HTML 8Page - National Semiconductor (TI) LM2917M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
28V
Supply Current (Zener Options)
25 mA
Collector Voltage
28V
Differential Input Voltage
Tachometer
28V
Op Amp/Comparator
28V
Input Voltage Range
Tachometer
LM2907-8, LM2917-8
±28V
LM2907, LM2917
0.0V to +28V
Op Amp/Comparator
0.0V to +28V
Power Dissipation
LM2907-8, LM2917-8
1200 mW
LM2907-14, LM2917-14
1580 mW
See (Note 1)
Operating Temperature Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics
V
CC =12 VDC,TA = 25˚C, see test circuit
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TACHOMETER
Input Thresholds
V
IN = 250 mVp-p @ 1 kHz (Note 2)
±10
±25
±40
mV
Hysteresis
V
IN = 250 mVp-p @ 1 kHz (Note 2)
30
mV
Offset Voltage
V
IN = 250 mVp-p @ 1 kHz (Note 2)
LM2907/LM2917
3.5
10
mV
LM2907-8/LM2917-8
5
15
mV
Input Bias Current
V
IN = ±50 mVDC
0.1
1
µA
V
OH
Pin 2
V
IN = +125 mVDC (Note 3)
8.3
V
V
OL
Pin 2
V
IN = −125 mVDC (Note 3)
2.3
V
I
2,I3
Output Current
V2 = V3 = 6.0V (Note 4)
140
180
240
µA
I
3
Leakage Current
I2 = 0, V3 = 0
0.1
µA
K
Gain Constant
(Note 3)
0.9
1.0
1.1
Linearity
f
IN = 1 kHz, 5 kHz, 10 kHz (Note 5)
−1.0
0.3
+1.0
%
OP/AMP COMPARATOR
V
OS
V
IN = 6.0V
3
10
mV
I
BIAS
V
IN = 6.0V
50
500
nA
Input Common-Mode Voltage
0
V
CC−1.5V
V
Voltage Gain
200
V/mV
Output Sink Current
V
C = 1.0
40
50
mA
Output Source Current
V
E =VCC −2.0
10
mA
Saturation Voltage
I
SINK = 5 mA
0.1
0.5
V
I
SINK = 20 mA
1.0
V
I
SINK = 50 mA
1.0
1.5
V
ZENER REGULATOR
Regulator Voltage
R
DROP = 470
Ω
7.56
V
Series Resistance
10.5
15
Ω
Temperature Stability
+1
mV/˚C
TOTAL SUPPLY CURRENT
3.8
6
mA
Note 1: For operation in ambient temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and a thermal resistance
of 101˚C/W junction to ambient for LM2907-8 and LM2917-8, and 79˚C/W junction to ambient for LM2907-14 and LM2917-14.
Note 2: Hysteresis is the sum +VTH − (−VTH), offset voltage is their difference. See test circuit.
Note 3: VOH is equal to 3⁄4 xVCC −1VBE,VOL is equal to 1⁄4 xVCC −1VBE therefore VOH −VOL =VCC/2. The difference, VOH −VOL, and the mirror gain, I2/I3,
are the two factors that cause the tachometer gain constant to vary from 1.0.
Note 4: Be sure when choosing the time constant R1 x C1 that R1 is such that the maximum anticipated output voltage at pin 3 can be reached with I3 x R1. The
maximum value for R1 is limited by the output resistance of pin 3 which is greater than 10 M
Ω typically.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com