Electronic Components Datasheet Search
  English  ▼

X  

IRFE220 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFE220
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE220 Datasheet(HTML) 1 Page - International Rectifier

  IRFE220 Datasheet HTML 1Page - International Rectifier IRFE220 Datasheet HTML 2Page - International Rectifier IRFE220 Datasheet HTML 3Page - International Rectifier IRFE220 Datasheet HTML 4Page - International Rectifier IRFE220 Datasheet HTML 5Page - International Rectifier IRFE220 Datasheet HTML 6Page - International Rectifier IRFE220 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
2.8
ID @ VGS = 10V, TC = 100°C
Continuous Drain Current
1.8
IDM
Pulsed Drain Current ➀
11
PD @ TC = 25°C
Max. Power Dissipation
1 4
W
Linear Derating Factor
0.11
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
66
mJ
IAR
Avalanche Current ➀
-A
EAR
Repetitive Avalanche Energy ➀
-mJ
dv/dt
Peak Diode Recovery dv/dt ➂
5.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5 S)
Weight
0.42(typical)
g
PD - 93984
The leadless chip carrier (LCC) package represents the
logical next step in the continual evolution of surface
mount technology. Desinged to be a close replacement
for the TO-39 package, the LCC will give designers the
extra flexibility they need to increase circuit board den-
sity. International Rectifier has engineered the LCC pack-
age to meet the specific needs of the power market by
increasing the size of the bottom source pad, thereby
enhancing the thermal and electrical performance. The
lid of the package is grounded to the source to reduce
RF interference.
o C
A
1/16/01
www.irf.com
1
LCC-18
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFE220
200V
0.80
Ω
2.8A
Features:
!
Surface Mount
!
Small Footprint
!
Alternative to TO-39 Package
!
Hermetically Sealed
!
Dynamic dv/dt Rating
!
Avalanche Energy Rating
!
Simple Drive Requirements
!
Light Weight
For footnotes refer to the last page
REPETITIVEAVALANCHEANDdv/dtRATED
IRFE220
HEXFET
TRANSISTORS
JANTX2N6790U
SURFACE MOUNT (LCC-18)
[REF:MIL-PRF-19500/555]
200V, N-CHANNEL


Similar Part No. - IRFE220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE220 IRF-IRFE220 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_07 Datasheet
197Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFE220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE9210 IRF-IRFE9210 Datasheet
134Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE320 IRF-IRFE320 Datasheet
236Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE130 IRF-IRFE130 Datasheet
201Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE230 IRF-IRFE230 Datasheet
201Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9110 IRF-IRFE9110 Datasheet
124Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9110 IRF-IRFE9110 Datasheet
124Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9220 IRF-IRFE9220 Datasheet
137Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9230 IRF-IRFE9230 Datasheet
203Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE120 IRF-IRFE120_07 Datasheet
295Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE220 IRF-IRFE220_07 Datasheet
197Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com