Electronic Components Datasheet Search
  English  ▼

X  

MIC2582 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2582 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2582 Datasheet HTML 1Page - Micrel Semiconductor MIC2582 Datasheet HTML 2Page - Micrel Semiconductor MIC2582 Datasheet HTML 3Page - Micrel Semiconductor MIC2582 Datasheet HTML 4Page - Micrel Semiconductor MIC2582 Datasheet HTML 5Page - Micrel Semiconductor MIC2582 Datasheet HTML 6Page - Micrel Semiconductor MIC2582 Datasheet HTML 7Page - Micrel Semiconductor MIC2582 Datasheet HTML 8Page - Micrel Semiconductor MIC2582 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Micrel, Inc.
MIC2582/MIC5283
May 23, 2014
2
Revision 5.0
Ordering Information
Part Number
Fast Circuit Breaker Threshold
Circuit Breaker
Package
MIC2582-xYM
x = J, 100mV
x = J1, Off
x = M, Off
Latched off
8-pin SOIC
MIC2583-xYQS
x = J, 100mV
x = K
(1), 150mV
x = L
(1), 200mV
x = M
(1), Off
Latched off
16-pin QSOP
MIC2583R-xYQS
x = J, 100mV
x = K
(1), 150mV
x = L
(1), 200mV
x = M
(1), Off
Auto-retry
16-pin QSOP
Note:
1.
Contact factory for availability.
Pin Configuration
8-Pin SOIC (M)
16-Pin QSOP (QS)
Pin Description
Pin Number
8-Pin SOIC
Pin Number
16-Pin QSOP
Pin Name
Pin Function
1
1
/POR
Power-on-Reset output: Open drain N-channel device, active low. This pin
remains asserted during start-up until a time period (tPOR) after the FB pin
voltage rises above the power good threshold (VFB). The timing capacitor CPOR
determines tPOR. When the output voltage monitored at the FB pin falls below
VFB, /POR is asserted for a minimum of one timing cycle (tPOR). The /POR pin
requires a pull-
up resistor (10kΩ minimum) to VCC.
2
3
ON
ON input: Active high. The ON pin is an input to a Schmitt-triggered comparator
used to enable/disable the controller, is compared to a 1.24V reference with
50mV of hysteresis. When a logic high is applied to the ON pin (VON > 1.24V), a
start-up sequence begins and the GATE pin starts ramping up towards its final
operating voltage. When the ON pin receives a logic low signal (VON < 1.19V),
the GATE pin is grounded and /FAULT remains high if VCC is above the UVLO
threshold. ON must be low for at least 20µs after VCC is above the UVLO
threshold in order to initiate a start-up sequence. Additionally, toggling the ON
pin LOW to HIGH resets the circuit breaker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com