Electronic Components Datasheet Search
  English  ▼

X  

MIC910 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC910
Description  135MHz, Low-Power SOT-23-5 Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC910 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC910 Datasheet HTML 6Page - Micrel Semiconductor MIC910 Datasheet HTML 7Page - Micrel Semiconductor MIC910 Datasheet HTML 8Page - Micrel Semiconductor MIC910 Datasheet HTML 9Page - Micrel Semiconductor MIC910 Datasheet HTML 10Page - Micrel Semiconductor MIC910 Datasheet HTML 11Page - Micrel Semiconductor MIC910 Datasheet HTML 12Page - Micrel Semiconductor MIC910 Datasheet HTML 13Page - Micrel Semiconductor MIC910 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Micrel, Inc.
MIC910
Application Information
The
MIC910
is
a
high-speed,
voltage-feedback
operational amplifier featuring very low supply current
and excellent stability. This device is unity gain stable
and capable of driving high capacitance loads.
Driving High Capacitance
The MIC910 is stable when driving any capacitance (see
the “Gain Bandwidth and Phase Margin vs. Load
Capacitance”
graph
in
the
Typical
Characteristics
section) making it ideal for driving long coaxial cables or
other high-capacitance loads.
Phase margin remains constant as load capacitance is
increased. Most high-speed op amps are only able to
drive limited capacitance.
Note: increasing load capacitance does reduce the speed
of the device (see the “Gain Bandwidth and Phase
Margin vs. Load” in the Typical Characteristics section).
In applications where the load capacitance reduces the
speed of the op amp to an unacceptable level, the effect
of the load capacitance can be reduced by adding a small
resistor (<100
Ω) in series with the output.
Feedback Resistor Selection
Conventional op amp gain configurations and resistor
selection apply; the MIC910 is not a current feedback
device. Resistor values in the range of 1k
Ω to 10kΩ are
recommended.
Layout Considerations
All high-speed devices require careful PCB layout. The
high stability and high PSRR of the MIC910 make it
easier to use than most other op amps, but the following
guidelines should be observed:
• Capacitance, particularly on the two inputs pins will
degrade performance.
• Avoid large copper traces to the inputs.
• Keep the output signal away from the inputs and use a
ground plane.
It is important to ensure adequate supply bypassing
capacitors are located close to the device
Power Supply Bypassing
Regular supply bypassing techniques are recommended.
A 10µF capacitor in parallel with a 0.1µF capacitor on
both the positive and negative supplies is ideal. For best
performance, all bypassing capacitors should be located
as close to the op amp as possible and all capacitors
should be low equivalent series inductance (ESL) and
equivalent
series
resistance
(ESR).
Surface-mount
ceramic capacitors are ideal.
Thermal Considerations
The SOT-23-5 package, like all small packages, has a
high thermal resistance. It is important to ensure the IC
does not exceed the maximum operating junction (die)
temperature of 85
°C. The part can be operated up to the
absolute maximum temperature rating of 125
°C, but
between 85
°C and 125°C performance will degrade, in
particular CMRR will reduce.
A MIC910 with no load, dissipates power equal to the
quiescent supply current × the supply voltage (Equation
1):
PD(NO LOAD) = (VV+ − VV−)IS
Eq. 1
When a load is added, the additional power is dissipated
in the output stage of the op amp. The power dissipated
in the device is a function of supply voltage, output
voltage and output current (Equation 2).
PD(OUTPUT STAGE) = (VV+ − VOUT)IOUT
Eq. 2
Total Power Dissipation = PD(NO LOAD) + PD(OUTPUT STAGE)
Ensure the total power dissipated in the device is no
greater than the thermal capacity of the package. The
SOT23-5 package has a thermal resistance of 260
°C/W
(Equation 3).
Maximum Allowable Power Dissipation =
W
/
C
260
T
T
)
MAX
(
A
)
MAX
(
J
°
−
Eq. 3
September 19, 2014
12
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com