Electronic Components Datasheet Search
  English  ▼

X  

MIC863 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC863
Description  Duaal Ultra-Low Power Op Amp in SOT-23-8
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC863 Datasheet HTML 9Page - Micrel Semiconductor MIC863 Datasheet HTML 10Page - Micrel Semiconductor MIC863 Datasheet HTML 11Page - Micrel Semiconductor MIC863 Datasheet HTML 12Page - Micrel Semiconductor MIC863 Datasheet HTML 13Page - Micrel Semiconductor MIC863 Datasheet HTML 14Page - Micrel Semiconductor MIC863 Datasheet HTML 15Page - Micrel Semiconductor MIC863 Datasheet HTML 16Page - Micrel Semiconductor MIC863 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Micrel, Inc.
MIC863
Application Information
Regular supply bypassing techniques are recommended.
A 10µF capacitor in parallel with a 0.1µF capacitor on both
the positive and negative supplies are ideal. For best
performance all bypassing capacitors should be located as
close to the op amp as possible and all capacitors should
be low equivalent series inductance (ESL), equivalent
series
resistance
(ESR).
Surface-mount
ceramic
capacitors are ideal.
The MIC863 is intended for single-supply applications
configured with a grounded load. It is not advisable to
operate the MIC863 under either of the following
conditions when the load is less than 20k
Ω and the
output swing is greater than 1V (peak-to-peak):
1.
A grounded load and split supplies (±V)
or
2.
A single supply where the load is terminated above
ground.
Under the above listed conditions, there may be some
instability when the output is sinking current.
May 7, 2014
15
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com