Electronic Components Datasheet Search
  English  ▼

X  

HTS221TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 24Page - STMicroelectronics HTS221TR Datasheet HTML 25Page - STMicroelectronics HTS221TR Datasheet HTML 26Page - STMicroelectronics HTS221TR Datasheet HTML 27Page - STMicroelectronics HTS221TR Datasheet HTML 28Page - STMicroelectronics HTS221TR Datasheet HTML 29Page - STMicroelectronics HTS221TR Datasheet HTML 30Page - STMicroelectronics HTS221TR Datasheet HTML 31Page - STMicroelectronics HTS221TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Humidity and temperature data conversion
HTS221
28/33
DocID026333 Rev 4
Step 2: Humidity conversion from ADC_OUT (LSB) to rH %
Linear interpolation for relative Humidity (example)
Figure 10. Step 2: Linear interpolation to convert LSB to rH%
Conclusion: current relative humidity value is 30%.
Input: relative Humidity LSB (ADC)
Output: relative Humidity (% rH)
H0_T0_OUT = 0x4000
H0_rH_x2 = 40% rH => 40/2 = 20.0% rH
H1_T0_OUT = 0x6000
H1_rH_x2 = 80% rH => 80/2 = 40% rH
Humidity conversion:
H_OUT = 0x5000
H_rH_x2 = 60% [interp.] => 60/2 = 30.0% rH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com