Electronic Components Datasheet Search
  English  ▼

X  

STD11N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD11N60DM2
Description  N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD11N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STD11N60DM2 Datasheet HTML 1Page - STMicroelectronics STD11N60DM2 Datasheet HTML 2Page - STMicroelectronics STD11N60DM2 Datasheet HTML 3Page - STMicroelectronics STD11N60DM2 Datasheet HTML 4Page - STMicroelectronics STD11N60DM2 Datasheet HTML 5Page - STMicroelectronics STD11N60DM2 Datasheet HTML 6Page - STMicroelectronics STD11N60DM2 Datasheet HTML 7Page - STMicroelectronics STD11N60DM2 Datasheet HTML 8Page - STMicroelectronics STD11N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
June 2016
DocID029387 Rev 1
1/15
This is information on a product in full production.
www.st.com
STD11N60DM2
N-channel 600 V, 0.370
Ω typ., 10 A MDmesh™ DM2
Power MOSFET in a DPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @
TJmax.
RDS(on)
max.
ID
PTOT
STD11N60DM2
650 V
0.420 Ω
10 A
110 W
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part
of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STD11N60DM2
11N60DM2
DPAK
Tape and reel


Similar Part No. - STD11N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11N60M2-EP STMICROELECTRONICS-STD11N60M2-EP Datasheet
807Kb / 16P
N-channel 600 V, 0.550 (ohm) typ., 7.5 A MDmesh M2 EP Power MOSFET in a DPAK package
12-Apr-2016
STD11N60M6 STMICROELECTRONICS-STD11N60M6 Datasheet
363Kb / 17P
N-channel 600 V, 500 mΩ typ., 8 A, MDmesh M6 Power MOSFET in a DPAK package
04-Mar-2021
More results

Similar Description - STD11N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD8N60DM2 STMICROELECTRONICS-STD8N60DM2 Datasheet
823Kb / 15P
N-channel 600 V, 550 m(ohm) typ., 8 A MDmesh DM2 Power MOSFET in a DPAK package
24-Nov-2016
STL33N60DM2 STMICROELECTRONICS-STL33N60DM2 Datasheet
784Kb / 15P
N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
09-Mar-2016
STD5N60DM2 STMICROELECTRONICS-STD5N60DM2 Datasheet
817Kb / 15P
N-channel 600 V, 1.38 (ohm) typ., 3.5 A MDmesh DM2 Power MOSFET in a DPAK package
05-Jul-2016
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
07-Dec-2016
STP11N60DM2 STMICROELECTRONICS-STP11N60DM2 Datasheet
716Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220 package
17-Jun-2016
STD10N60DM2 STMICROELECTRONICS-STD10N60DM2 Datasheet
813Kb / 14P
N-channel 600 V, 0.440 Ω typ., 8 A MDmesh™ DM2 Power MOSFET in a DPAK package
17-Jun-2016
STD12N60DM2AG STMICROELECTRONICS-STD12N60DM2AG Datasheet
559Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
11-Nov-2019
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
17-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com