Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISB034V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISB034V1
Description  Evaluation board for the LDBL20 high PSRR, miniaturized 200mA LDO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB034V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISB034V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB034V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB034V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB034V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
February 2016
DocID029002 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISB034V1
Evaluation board for the LDBL20 high PSRR, miniaturized 200
mA LDO
Data brief
Features
Output current: 200 mA
Logic controlled electronic shutdown
High PSRR
80 dB @ 1 kHz
50 dB @ 100 kHz
Quiescent current:
20 μA typ. at no load
0.03 μA typ. in off mode
2.5 V +/- 2% output voltage
Other voltage options available on request
ST Stamp™ 0.47 x 0.47 mm² bumpless CSP
RoHS compliant
Description
The STEVAL-ISB034V1 board features the
LDBL20 high performance linear voltage
regulator, configured to convert a 2.85 V to 5.5 V
DC input voltage into a precise and stable 2.5 V
output voltage.
Only two small ceramic capacitors are needed to
implement the linear regulator solution.
The very low dropout LDBL20 voltage regulator
features high PSRR, low quiescent current and
the minute ST Stamp™ chip-scale package, with
a footprint of only 0.47 x 0.47 mm².
It is designed for low power battery-operated
equipment like smartphones, tablets and
wearable devices.


Similar Part No. - STEVAL-ISB034V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB032V1 STMICROELECTRONICS-STEVAL-ISB032V1 Datasheet
243Kb / 4P
Li-Ion battery charger evaluation board based on STNS01
26-Jan-2016
STEVAL-ISB035V1 STMICROELECTRONICS-STEVAL-ISB035V1 Datasheet
307Kb / 4P
Li-Ion/Li-Po battery power management evaluation board based on STBC03
27-Sep-2017
STEVAL-ISB036V1 STMICROELECTRONICS-STEVAL-ISB036V1 Datasheet
470Kb / 4P
Operates as voltage source
23-Dec-2016
STEVAL-ISB037V1 STMICROELECTRONICS-STEVAL-ISB037V1 Datasheet
213Kb / 4P
Logic controlled electronic shutdown
06-Sep-2016
STEVAL-ISB038V1 STMICROELECTRONICS-STEVAL-ISB038V1 Datasheet
724Kb / 9P
1 W wearable wireless power system based on STWBC-WA and STWLC04
21-Nov-2016
More results

Similar Description - STEVAL-ISB034V1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
Evaluation Board for the CS4354
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
Evaluation Board for the AD623
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
Evaluation Board for the CS53L30
logo
Linear Technology
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
logo
Mitsumi Electronics, Co...
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
200mA LDO
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
200mA LDO
logo
Shenzhen Huazhimei Semi...
HM6221 HMSEMI-HM6221 Datasheet
623Kb / 7P
High PSRR LDO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com