Electronic Components Datasheet Search
  English  ▼

X  

MIC809 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC809
Description  Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC809 Datasheet HTML 1Page - Micrel Semiconductor MIC809 Datasheet HTML 2Page - Micrel Semiconductor MIC809 Datasheet HTML 3Page - Micrel Semiconductor MIC809 Datasheet HTML 4Page - Micrel Semiconductor MIC809 Datasheet HTML 5Page - Micrel Semiconductor MIC809 Datasheet HTML 6Page - Micrel Semiconductor MIC809 Datasheet HTML 7Page - Micrel Semiconductor MIC809 Datasheet HTML 8Page - Micrel Semiconductor MIC809 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
MIC809/810
Ordering Information
(1)
Part Number
Marking
(2)
Threshold Voltage (V)
Operating Temperature Range
Lead Finish
3-Pin SOT-23
3-Pin SC-70
MIC809LUY
MIC809LYC3
IL
4.63
–40
°C to +85°C
Pb-Free
MIC809MUY
MIC809MYC3
IM
4.38
–40
°C to +85°C
Pb-Free
MIC809JUY
MIC809JYC3
IJ
4.00
–40
°C to +85°C
Pb-Free
MIC809TUY
MIC809TYC3
IT
3.08
–40
°C to +85°C
Pb-Free
MIC809SUY
MIC809SYC3
IS
2.93
–40
°C to +85°C
Pb-Free
MIC809RUY
MIC809RYC3
IR
2.63
–40
°C to +85°C
Pb-Free
MIC810LUY
MIC810LYC3
JL
4.63
–40
°C to +85°C
Pb-Free
MIC810MUY
MIC810MYC3
JM
4.38
–40
°C to +85°C
Pb-Free
MIC810JUY
MIC810JYC3
JJ
4.00
–40
°C to +85°C
Pb-Free
MIC810TUY
MIC810TYC3
JT
3.08
–40
°C to +85°C
Pb-Free
MIC810SUY
MIC810SYC3
JS
2.93
–40
°C to +85°C
Pb-Free
MIC810RUY
MIC810RYC3
JR
2.63
–40
°C to +85°C
Pb-Free
Note:
1.
All devices available in Tape and Reel only (Order entry PN, add TR, i.e., MIC809LUY TR). Standard/full reel quantity is 3,000 pieces. Reel diameter
is 7in, hub diameter is 2in, and width is 8mm.
2.
Underbar symbol (__) may not be to scale.
Pin Configuration
3-Pin MIC809 SOT-23
3-Pin MIC809 SC-70
(Top View)
3-Pin MIC810 SOT-23
3-Pin MIC810 SC-70
(Top View)
July 6, 2015
2
Revision 3.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com