Electronic Components Datasheet Search
  English  ▼

X  

TSB611 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSB611
Description  Low-power, rail-to-rail output, 36 V operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB611 Datasheet(HTML) 1 Page - STMicroelectronics

  TSB611 Datasheet HTML 1Page - STMicroelectronics TSB611 Datasheet HTML 2Page - STMicroelectronics TSB611 Datasheet HTML 3Page - STMicroelectronics TSB611 Datasheet HTML 4Page - STMicroelectronics TSB611 Datasheet HTML 5Page - STMicroelectronics TSB611 Datasheet HTML 6Page - STMicroelectronics TSB611 Datasheet HTML 7Page - STMicroelectronics TSB611 Datasheet HTML 8Page - STMicroelectronics TSB611 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
August 2015
DocID028074 Rev 1
1/24
This is information on a product in full production.
www.st.com
TSB611
Low-power, rail-to-rail output, 36 V operational amplifier
Datasheet - production data
Features
Low offset voltage: 1 mV max
Low power consumption: 125 µA max. at
36 V
Wide supply voltage: 2.7 to 36 V
Gain bandwidth product: 560 kHz typ
Unity gain stable
Rail-to-rail output
Input common mode voltage includes
ground
High tolerance to ESD: 4 kV HBM
Extended temperature range: -40 °C to
125 °C
Automotive qualification
Applications
Industrial
Power supplies
Automotive
Description
The
TSB611
single
operational
amplifier
(op amp) offers an extended supply voltage
operating range and rail-to-rail output. It also
offers an excellent speed/power consumption
ratio with 560 kHz gain bandwidth product while
consuming less than 125 µA at 36V supply
voltage.
The TSB611 operates over a wide temperature
range from -40 °C to 125°C making this device
ideal for industrial and automotive applications.
Thanks to its small package size, the TSB611
can be used in applications where space on the
board is limited. It can thus reduce the overall
cost of the PCB.
SOT23-5
OUT
VCC-
IN+
VCC+
IN-
1
2
3
4
5
+
-


Similar Part No. - TSB611

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results

Similar Description - TSB611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
4/03-Data Sheet changed from REV. A to REV. B.
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Analog Devices
OP186 AD-OP186_15 Datasheet
42Kb / 5P
Ultra Low Power Rail-to-Rail Output Operational Amplifier
REV. 0
logo
Texas Instruments
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com