Electronic Components Datasheet Search
  English  ▼

X  

IRU3033CS Datasheet(PDF) 5 Page - International Rectifier

Part # IRU3033CS
Description  8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3033CS Datasheet(HTML) 5 Page - International Rectifier

  IRU3033CS Datasheet HTML 1Page - International Rectifier IRU3033CS Datasheet HTML 2Page - International Rectifier IRU3033CS Datasheet HTML 3Page - International Rectifier IRU3033CS Datasheet HTML 4Page - International Rectifier IRU3033CS Datasheet HTML 5Page - International Rectifier IRU3033CS Datasheet HTML 6Page - International Rectifier IRU3033CS Datasheet HTML 7Page - International Rectifier IRU3033CS Datasheet HTML 8Page - International Rectifier IRU3033CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRU3033
5
Rev. 1.7
07/17/02
www.irf.com
Ref Desig
Description
Qty
Part #
Manuf
U1
LDO/Switcher IC
1
IRU3033CS (8-Pin SOIC)
IR
Q1
MOSFET
1
MTP3055 (TO-220)
Motorola
Q2
MOSFET
1
IRL3303 (TO-220)
IR
IRL3103S (TO-263) (Note 1)
D2
Diode, GP
1
1N4148
D1
Schottky Diode
1
MBR1045CT (TO-220)
MBRB1545CT (TO-263) (Note1)
Motorola
L2
Inductor
1
Core: T50-18, L=4
mH
Micro Metal
Turns: 10T, 18 AWG
(core)
L1
Inductor
1
L=2
mH
R1
Resistor
1
22
V, 5%, SMT 1206 size
R2
Resistor
1
10
V, 5%, SMT 1206 size
R3
Resistor
1
324K
V, 1%, SMT 0805 size
R4A*
Resistor
1
806
V, 1%, SMT 0805 size
R4B*
Resistor
1
90.9K
V, 1%, SMT 0805 size
R5A
Resistor
1
1.24K
V, 1%, SMT 0805 size
R5B
Resistor
1
2.49K
V, 1%, SMT 0805 size
R5C
Resistor
1
4.99K
V, 1%, SMT 0805 size
R5D
Resistor
1
1K
V, 1%, SMT 0805 size
R5E
Resistor
1
1.30K
V, 1%, SMT 0805 size
R6
Resistor
1
2 K
V, 1%, SMT 0805 size
R7
Resistor
1
1.21K
V,1%, SMT 0805 size
R8
Resistor
1
1 K
V, 5%, SMT 0805 size
R9
Resistor
1
10
V, 5%, SMT 0805 size
R10
Resistor
1
1K
V, 5%, SMT 0805 size
R11
Resistor
1
2.4K
V, 5%, SMT 0805 size
R13
Resistor
1
7.5K
V, 5%, SMT 0805 size
C1
Capacitor
1
6MV1500GX, 1500
µF, 6.3V, Elect
C2
Capacitor
1
6MV1500GX, 1500
µF, 6.3V, Elect
Sanyo
C3
Capacitor
1
1
mF, Ceramic, SMT 0805 size
C4
Capacitor
1
470pF, Ceramic, SMT 0805 size
Sanyo
C5
Capacitor
1
10pF, Ceramic, SMT 0805 size
Sanyo
C6
Capacitor
1
6MV1500GX, 1500
mF, 6.3V, Elect
Sanyo
C7
Capacitor
4
6MV1500GX, 1500
mF, 6.3V, Elect
Sanyo
C8
Capacitor
1
1
mF, Ceramic, SMT 0805 size
C9
Capacitor
1
470p, Ceramic, SMT 0805 size
HS1
Heat Sink
1
For MOSFET, 577002
Aavid
HS2
Heat Sink
1
For Schottky Diode , 577002
Aavid
HS3
Heat Sink
1
For Q1, 507222 (I/O curren<5A)
Aavid
576602 (I/O current< 3.5A)
*R4 is a parallel combination of R4A and R4B.
Note 1: For the applications where it is desirable to eliminate the heat sink, the IRL3103S for Q2 and
MBR1545CT for D2 in TO-263 packages with minimum of 1" square copper pad can be used.
APPLICATION PARTS LIST
Pentium Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com