Electronic Components Datasheet Search
  English  ▼

X  

LM2917 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2917
Description  Frequency to Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2917 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2917 Datasheet HTML 3Page - National Semiconductor (TI) LM2917 Datasheet HTML 4Page - National Semiconductor (TI) LM2917 Datasheet HTML 5Page - National Semiconductor (TI) LM2917 Datasheet HTML 6Page - National Semiconductor (TI) LM2917 Datasheet HTML 7Page - National Semiconductor (TI) LM2917 Datasheet HTML 8Page - National Semiconductor (TI) LM2917 Datasheet HTML 9Page - National Semiconductor (TI) LM2917 Datasheet HTML 10Page - National Semiconductor (TI) LM2917 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Applications Information
The LM2907 series of tachometer circuits is designed for
minimum external part count applications and maximum ver-
satility. In order to fully exploit its features and advantages
let’s examine its theory of operation. The first stage of op-
eration is a differential amplifier driving a positive feedback
flip-flop circuit. The input threshold voltage is the amount of
differential input voltage at which the output of this stage
changes state. Two options (LM2907-8, LM2917-8) have
one input internally grounded so that an input signal must
swing above and below ground and exceed the input thresh-
olds to produce an output. This is offered specifically for
magnetic variable reluctance pickups which typically provide
a single-ended ac output. This single input is also fully
protected against voltage swings to ±28V, which are easily
attained with these types of pickups.
The differential input options (LM2907, LM2917) give the
user the option of setting his own input switching level and
still have the hysteresis around that level for excellent noise
rejection in any application. Of course in order to allow the
inputs to attain common-mode voltages above ground, input
protection is removed and neither input should be taken
outside the limits of the supply voltage being used. It is very
important that an input not go below ground without some
resistance in its lead to limit the current that will then flow in
the epi-substrate diode.
Following the input stage is the charge pump where the input
frequency is converted to a dc voltage. To do this requires
one timing capacitor, one output resistor, and an integrating
or filter capacitor. When the input stage changes state (due
to a suitable zero crossing or differential voltage on the input)
the timing capacitor is either charged or discharged linearly
between two voltages whose difference is V
CC/2. Then in
one half cycle of the input frequency or a time equal to 1/2 f
IN
the change in charge on the timing capacitor is equal to
V
CC/2 x C1. The average amount of current pumped into or
out of the capacitor then is:
The output circuit mirrors this current very accurately into the
load resistor R1, connected to ground, such that if the pulses
of current are integrated with a filter capacitor, then V
O =ic x
R1, and the total conversion equation becomes:
V
O =VCC xfIN xC1xR1xK
Where K is the gain constant — typically 1.0.
The size of C2 is dependent only on the amount of ripple
voltage allowable and the required response time.
CHOOSING R1 AND C1
There are some limitations on the choice of R1 and C1 which
should be considered for optimum performance. The timing
capacitor also provides internal compensation for the charge
pump and should be kept larger than 500 pF for very accu-
rate operation. Smaller values can cause an error current on
R1, especially at low temperatures. Several considerations
must be met when choosing R1. The output current at pin 3
is internally fixed and therefore V
O/R1 must be less than or
equal to this value. If R1 is too large, it can become a
significant fraction of the output impedance at pin 3 which
degrades linearity. Also output ripple voltage must be con-
sidered and the size of C2 is affected by R1. An expression
that describes the ripple content on pin 3 for a single R1C2
combination is:
It appears R1 can be chosen independent of ripple, however
response time, or the time it takes V
OUT to stabilize at a new
voltage increases as the size of C2 increases, so a compro-
mise between ripple, response time, and linearity must be
chosen carefully.
As a final consideration, the maximum attainable input fre-
quency is determined by V
CC, C1 and I2:
USING ZENER REGULATED OPTIONS (LM2917)
For those applications where an output voltage or current
must be obtained independent of supply voltage variations,
the LM2917 is offered. The most important consideration in
choosing a dropping resistor from the unregulated supply to
the device is that the tachometer and op amp circuitry alone
require about 3 mA at the voltage level provided by the
zener. At low supply voltages there must be some current
flowing in the resistor above the 3 mA circuit current to
operate the regulator. As an example, if the raw supply
varies from 9V to 16V, a resistance of 470
Ω will minimize the
zener voltage variation to 160 mV. If the resistance goes
under 400
Ω or over 600Ω the zener variation quickly rises
above 200 mV for the same input variation.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com