Electronic Components Datasheet Search
  English  ▼

X  

IXDN404SI-16 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDN404SI-16
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN404SI-16 Datasheet(HTML) 3 Page - IXYS Corporation

  IXDN404SI-16 Datasheet HTML 1Page - IXYS Corporation IXDN404SI-16 Datasheet HTML 2Page - IXYS Corporation IXDN404SI-16 Datasheet HTML 3Page - IXYS Corporation IXDN404SI-16 Datasheet HTML 4Page - IXYS Corporation IXDN404SI-16 Datasheet HTML 5Page - IXYS Corporation IXDN404SI-16 Datasheet HTML 6Page - IXYS Corporation IXDN404SI-16 Datasheet HTML 7Page - IXYS Corporation IXDN404SI-16 Datasheet HTML 8Page - IXYS Corporation IXDN404SI-16 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
IXDN404PI / N404SI / N404SI-16
IXDI404PI / I404SI / I404SI-16
IXDF404PI / F404SI / F404SI-16
Unless otherwise noted, T
A = 25
oC, 4.5V
≤ V
CC ≤
25V .
All voltage measurements with respect to GND. Device configured as described in Test Conditions. All specifications are for one channel.
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
3.5
V
VIL
Low input voltage
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ V
IN
≤ V
CC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output High
IOUT = 10mA, VCC = 18V
1.5
3
Ω
ROL
Output resistance
@ Output Low
IOUT = 10mA, VCC = 18V
1.5
3
Ω
IPEAK
Peak output current
VCC is 18V
4
A
IDC
Continuous output
current
1
A
tR
Rise time
CL=1800pF Vcc=18V
11
12
15
ns
tF
Fall time
CL=1800pF Vcc=18V
12
14
17
ns
tONDLY
On-time propagation
delay
CL=1800pF Vcc=18V
33
34
38
ns
tOFFDLY
Off-time propagation
delay
CL=1800pF Vcc=18V
28
30
35
ns
VCC
Power supply voltage
4.5
18
25
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Voltage
25V
All Other Pins
-0.3V to VCC + 0.3V
Junction Temperature
150oC
Storage Temperature
-65oC to 150oC
Soldering Lead Temperature
(10 seconds maximum)
300oC
Operating Ratings
Parameter
Value
Operating Temperature Range
-40oC to 85oC
Thermal Impedance (Junction To Ambient)
8 Pin PDIP (PI) (
θJA)
120oC/W
8 Pin SOIC (SI) (
θJA)
110oC/W
16 Pin SOIC (SI-16) (
θJA)
110oC/W
Part Number
Package Type
Temp. Range
Configuration
IXDN404PI
8-Pin PDIP
IXDN404SI
8-Pin SOIC
IXDN404SI-16
16-Pin SOIC
-40
°C to +85°C
Dual Non Inverting
IXDI404PI
8-Pin PDIP
IXDI404SI
8-Pin SOIC
IXDI404SI-16
16-Pin SOIC
-40
°C to +85°C
Dual Inverting
IXDF404PI
8-Pin PDIP
IXDF404SI
8-Pin SOIC
IXDF404SI-16
16-Pin SOIC
-40
°C to +85°C
Inverting + Non Inverting
Ordering Information
NOTE: Mounting or solder tabs on all packages are connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com