Electronic Components Datasheet Search
  English  ▼

X  

RES-TL Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # RES-TL
Description  Low profile design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-TL Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  RES-TL Datasheet HTML 1Page - Ohmite Mfg. Co. RES-TL Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
158
TL Series
Modular Heat Sinkable
Thick Film Power
Thermal Resistance
Ultra*
Std**
Nominal Surge Load
Max. Voltage
Ohm
Ultra
Std.
Series
Wattage Wattage
Power
(10 sec.) between terminals
Range
(10% tol.) (3%-5% tol.)
TL54
35
27
18
72
1000
0.3Ω - 1MΩ
1.26
1.67
TL71
96
71
48
192
2000
1.0Ω - 2MΩ
0.53
0.70
TL88
155
114
78
312
2500
1.5Ω - 3MΩ
0.34
0.45
TL104
215
158
108
432
2500
2.0Ω - 4MΩ
0.25
0.33
†TL122
275
202
137
548
2500
2.0Ω - 4MΩ
* For properly heat sinked, untrimmed resistors - see chart
** For properly heat sinked, trimmed resistors - see chart
† Power Ratings are theoretical. Consult Factory for details.
Operating voltage 1200 VAC
Dielectric Withstanding Voltage 2500 VAC
Resistive Element Thick Film on Alumina
Housing Aluminum
Insulators Glass reinforced high temperature Valox®
Terminals Tinned brass
Power Range 27 – 275 watts
Resistance Range 0.3Ω – 4MΩ
Tolerance Ultra Power (U Style): ±10% std.
Standard Power: ±10% std.; 5% and 1% available
Temperature Coefficient ±250 PPM
Test Voltage for 1 Minute 6000 VDC/2500 VAC
Working Voltage 1200 VAC
External Creeping Distance 12mm
Temperature Limits -40°C to +125°C
Insulation >1002 MΩ/500V
Air Distance, Terminal to Ground 7mm
Inductance 50-100 nH
THIS PRODUCT IS
DESIGNED FOR USE WITH
PROPER HEATSINKING.
Maximum base plate temperature of the
resistor must be monitored and kept
within specified limits to establish the
power rating. Best technique is to attach
a thermocouple to the side of the base
plate of the resistor. Temperature of plastic
housing or heat sink cannot be used to
establish rating of the resistor.
The TL Series add heat sinkable options to the
thick film resistor family. The resistor element
is packaged with plastic insulators, and quick-
connect terminals in a symmetrical aluminum
profile for easy heat sink mounting. Special
tapped configurations are offered to reduce on
board component count.
Efficient thermal packaging provides improved
heat conduction to the heat sink. Self-insulating
package design increases voltage withstanding
characteristics when compared to traditional
aluminum housings. The in line mounting profile
makes the TL Series easily adaptable to most
heat sink systems. Thermal compound is always
recommended when heat sinking.
Fea T ure S
• Very low inductance
• Low profile design
• In-Line Mounting
Profile
• 1/4” Quick connect ter-
minals
• Consult factory for
common, isolated, or
special multiple tap
options.
S er I e S SP e CIFIC aTIONS
aPPLIC a TIONS
• Semiconductor Balancing
• Frequency Converters
• Snubber
• In-Rush Current Limiter
• Bleeder Resistor
• Power Switching
• Voltage Dividers
C hara CT er ISTICS
(continued)


Similar Part No. - RES-TL

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
High Power Density
RES-TAH OHMITE-RES-TAH Datasheet
326Kb / 2P
Frequency Conversion
RES-TAP1000-2000 OHMITE-RES-TAP1000-2000 Datasheet
352Kb / 2P
High Energy Rating
RES-TAP600 OHMITE-RES-TAP600 Datasheet
371Kb / 2P
Dielectric Strength up to 12KV
RES-TAP800 OHMITE-RES-TAP800 Datasheet
379Kb / 2P
Materials meet the requirements of UL94-V0
More results

Similar Description - RES-TL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMW21R0FT MACOM-SMW21R0FT Datasheet
126Kb / 3P
Low Profile Design
logo
CUI INC
SJ2-2594A-SMT-TR CUI-SJ2-2594A-SMT-TR Datasheet
487Kb / 4P
low profile design
HSS-B20-NP-01 CUI-HSS-B20-NP-01 Datasheet
278Kb / 3P
low profile design
HSS-C52-NP-SMT-TR CUI-HSS-C52-NP-SMT-TR Datasheet
848Kb / 3P
low profile design
HSS-C2591-SMT-TR CUI-HSS-C2591-SMT-TR Datasheet
846Kb / 3P
low profile design
SJ2-2510X-SMT CUI-SJ2-2510X-SMT Datasheet
678Kb / 4P
low profile design
SJ2-2542X-SMT CUI-SJ2-2542X-SMT Datasheet
649Kb / 4P
low profile design
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1606L238Q1C WALSIN-RFDIP1606L238Q1C Datasheet
379Kb / 3P
RFDIP1606L238Q1C Low Profile Design
RFDIP2012050LBT WALSIN-RFDIP2012050LBT Datasheet
619Kb / 2P
RFDIP2012050LBT Low Profile Design
RFDIP2012080LVT WALSIN-RFDIP2012080LVT Datasheet
254Kb / 2P
RFDIP2012080LVT Low Profile Design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com