Electronic Components Datasheet Search
  English  ▼

X  

MKS3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MKS3
Description  Metallized polyester capacitors in PCM 7.5 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MKS3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MKS3 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKS3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0 µF
1.5 "
2.2 "
4.5
5
5.7
9.5
10.5
12.5
10.3
10.3
10.3
7.5
7.5
7.5
5.7 12.5 10.3
7.5
5.7 12.5 10.3
7.5
*AC voltage: f = 50 Hz;
1.4 x Urms + UDC <= Ur
**PCM = Printed circuit module = lead spacing.
Dims. in mm.
Rights reserved to amend design data without prior notification.
d = 0.5 Ø if W <= 3
d = 0.7 Ø if W >= 4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com