Electronic Components Datasheet Search
  English  ▼

X  

LM2940 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2940
Description  1A Low Dropout Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2940 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2940 Datasheet HTML 10Page - National Semiconductor (TI) LM2940 Datasheet HTML 11Page - National Semiconductor (TI) LM2940 Datasheet HTML 12Page - National Semiconductor (TI) LM2940 Datasheet HTML 13Page - National Semiconductor (TI) LM2940 Datasheet HTML 14Page - National Semiconductor (TI) LM2940 Datasheet HTML 15Page - National Semiconductor (TI) LM2940 Datasheet HTML 16Page - National Semiconductor (TI) LM2940 Datasheet HTML 17Page - National Semiconductor (TI) LM2940 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Hints (Continued)
parallel an aluminum electrolytic with a solid Tantalum, with
the total capacitance split about 75/25% with the Aluminum
being the larger value.
If two capacitors are paralleled, the effective ESR is the
parallel of the two individual values. The “flatter” ESR of the
Tantalum will keep the effective ESR from rising as quickly at
low temperatures.
HEATSINKING
A heatsink may be required depending on the maximum
power dissipation and maximum ambient temperature of the
application. Under all possible operating conditions, the junc-
tion temperature must be within the range specified under
Absolute Maximum Ratings.
To determine if a heatsink is required, the power dissipated
by the regulator, P
D, must be calculated.
The figure below shows the voltages and currents which are
present in the circuit, as well as the formula for calculating
the power dissipated in the regulator:
The next parameter which must be calculated is the maxi-
mum allowable temperature rise, T
R (max). This is calcu-
lated by using the formula:
T
R (max) = TJ(max) − TA (max)
where: T
J (max) is the maximum allowable junction tem-
perature, which is 125˚C for commercial
grade parts.
T
A (max)
is the maximum ambient temperature
which
will
be
encountered
in
the
application.
Using the calculated values for T
R(max) and PD, the maxi-
mum allowable value for the junction-to-ambient thermal
resistance,
θ
(JA), can now be found:
θ
(JA) =TR (max)/PD
IMPORTANT: If the maximum allowable value for
θ
(JA) is
found to be
≥ 53˚C/W for the TO-220 package, ≥ 80˚C/W for
the TO-263 package, or
≥174˚C/W for the SOT-223 pack-
age, no heatsink is needed since the package alone will
dissipate enough heat to satisfy these requirements.
If the calculated value for
θ
(JA)falls below these limits, a
heatsink is required.
HEATSINKING TO-220 PACKAGE PARTS
The TO-220 can be attached to a typical heatsink, or se-
cured to a copper plane on a PC board. If a copper plane is
to be used, the values of
θ
(JA) will be the same as shown in
the next section for the TO-263.
If a manufactured heatsink is to be selected, the value of
heatsink-to-ambient thermal resistance,
θ
(H−A), must first be
calculated:
θ
(H−A) =
θ
(JA) −
θ
(C−H) −
θ
(J−C)
Where:
θ
(J−C) is defined as the thermal resistance from the
junction to the surface of the case. A value of
3˚C/W can be assumed for
θ
(J−C) for this
calculation.
θ
(C−H)
is defined as the thermal resistance between
the case and the surface of the heatsink. The
value of
θ
(C−H) will vary from about 1.5˚C/W to
about 2.5˚C/W (depending on method of at-
tachment, insulator, etc.). If the exact value is
unknown, 2˚C/W should be assumed for
θ
(C−H).
When a value for
θ
(H−A) is found using the equation shown,
a heatsink must be selected that has a value that is less than
or equal to this number.
θ
(H−A) is specified numerically by the heatsink manufacturer
in the catalog, or shown in a curve that plots temperature rise
vs power dissipation for the heatsink.
HEATSINKING TO-263 AND SOT-223 PACKAGE PARTS
Both the TO-263 (“S”) and SOT-223 (“MP”) packages use a
copper plane on the PCB and the PCB itself as a heatsink.
To optimize the heat sinking ability of the plane and PCB,
solder the tab of the package to the plane.
Figure 3 shows for the TO-263 the measured values of
θ
(JA)
for different copper area sizes using a typical PCB with 1
ounce copper and no solder mask over the copper area used
for heatsinking.
As shown in the figure, increasing the copper area beyond 1
square inch produces very little improvement. It should also
be observed that the minimum value of
θ
(JA) for the TO-263
package mounted to a PCB is 32˚C/W.
As a design aid, Figure 4 shows the maximum allowable
power dissipation compared to ambient temperature for the
TO-263 device (assuming
θ
(JA) is 35˚C/W and the maximum
junction temperature is 125˚C).
00882237
IIN =IL ÷IG
PD =(VIN −VOUT)IL +(VIN)IG
FIGURE 2. Power Dissipation Diagram
00882238
FIGURE 3.
θ
(JA) vs. Copper (1 ounce) Area for the
TO-263 Package
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com