Electronic Components Datasheet Search
  English  ▼

X  

MSA0385 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # MSA0385
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA0385 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSA0385 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA0385 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA0385 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA0385 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-312
MSA-0385 Typical Scattering Parameters (ZO = 50 Ω, TA = 25°C, Id = 35 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
.09
178
12.6
4.26
175
–18.1
.124
2
.13
–10
0.2
.09
171
12.5
4.24
170
–18.4
.120
3
.13
–20
0.4
.08
166
12.4
4.17
161
–18.4
.121
6
.14
–41
0.6
.07
160
12.3
4.10
151
–18.0
.126
8
.15
–57
0.8
.07
155
12.1
4.01
142
–17.9
.127
12
.16
–71
1.0
.06
152
11.9
3.92
133
–17.6
.132
12
.18
–84
1.5
.05
–169
11.2
3.63
112
–16.5
.149
18
.21
–112
2.0
.08
–174
10.4
3.29
92
–15.6
.167
19
.23
–136
2.5
.12
–173
9.5
2.98
79
–14.6
.186
22
.25
–150
3.0
.20
178
8.4
2.64
63
–14.1
.198
20
.26
–166
3.5
.25
170
7.5
2.36
47
–13.5
.211
17
.25
–174
4.0
.28
160
6.5
2.12
33
–13.0
.207
13
.24
–180
5.0
.42
134
4.7
1.71
7
–12.2
.224
4
.20
168
6.0
.50
99
2.7
1.37
–18
–12.0
.252
–7
.23
133
A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22
Typical Performance, TA = 25°C
(unless otherwise noted)
0.1
0.3 0.5
1.0
3.0
6.0
FREQUENCY (GHz)
Figure 1. Typical Power Gain vs.
Frequency, TA = 25°C, Id = 35 mA.
0
2
4
6
8
10
12
14
Gain Flat to DC
Vd (V)
Figure 2. Device Current vs. Voltage.
0
10
20
30
60
0
2
34
56
1
40
50
TC = +85°C
TC = +25°C
TC = –25°C
I d (mA)
Figure 3. Power Gain vs. Current.
4
6
8
10
12
14
15
25
30
40
50
35
20
5
6
7
11
12
13
–25
0
+25
+55
+85
8
9
10
GP
NF
TEMPERATURE (
°C)
Figure 4. Output Power at 1 dB Gain
Compression, NF and Power Gain vs.
Case Temperature, f = 1.0 GHz,
Id=35mA.
P1 dB
0.1
0.2 0.3
0.5
2.0
1.0
4.0
FREQUENCY (GHz)
Figure 5. Output Power at 1 dB Gain
Compression vs. Frequency.
0
3
6
9
12
15
18
Id = 50 mA
Id = 20 mA
Id = 35 mA
5.5
5.0
6.0
6.5
7.0
FREQUENCY (GHz)
Figure 6. Noise Figure vs. Frequency.
0.1
0.2 0.3
0.5
2.0
1.0
0.1 GHz
0.5 GHz
1.0 GHz
2.0 GHz
Id = 20 mA
Id = 35 mA
Id = 50 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com