Electronic Components Datasheet Search
  English  ▼

X  

MSA0485 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # MSA0485
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA0485 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSA0485 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA0485 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA0485 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA0485 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-340
MSA-0485 Typical Scattering Parameters (ZO = 50 Ω, TA = 25°C, Id = 50 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
0.1
.21
177
8.4
2.63
175
–16.1
.156
2
.08
–16
0.2
.20
176
8.3
2.60
171
–16.2
.155
2
.08
–30
0.4
.20
172
8.2
2.57
163
–16.1
.156
3
.10
–54
0.6
.19
171
8.1
2.55
155
–16.2
.155
5
.13
–71
0.8
.19
168
8.1
2.54
146
–16.0
.158
6
.16
–83
1.0
.18
166
8.0
2.52
138
–15.7
.164
9
.18
–93
1.5
.16
167
7.8
2.46
117
–15.3
.171
11
.25
–116
2.0
.18
168
7.4
2.34
97
–14.6
.187
12
.29
–136
2.5
.21
173
6.9
2.21
83
–13.8
.204
16
.34
–150
3.0
.27
169
6.3
2.07
65
–13.4
.213
13
.38
–161
3.5
.33
161
5.7
1.92
48
–12.6
.234
9
.39
–172
4.0
.38
154
4.8
1.74
33
–12.3
.242
6
.37
–179
4.5
.42
145
4.1
1.59
18
–12.1
.249
3
.36
–174
5.0
.44
131
3.3
1.46
4
–11.7
.259
–3
.34
–165
A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22
Typical Performance, TA = 25°C
(unless otherwise noted)
0.1
0.3 0.5
1.0
3.0
6.0
0
2
4
6
8
10
12
Figure 1. Typical Power Gain vs.
Frequency, TA = 25°C, Id = 50 mA.
Gain Flat to DC
FREQUENCY (GHz)
Vd (V)
Figure 2. Device Current vs. Voltage.
0
20
40
60
80
23
45
6
7
1
TC = +85°C
TC = +25°C
TC = –25°C
I d (mA)
Figure 3. Power Gain vs. Current.
4
5
6
7
8
9
20
40
50
60
70
30
6
7
8
11
12
13
–25
0
+25
+55
+85
7
8
9
NF
TEMPERATURE (
°C)
Figure 4. Output Power at 1 dB Gain
Compression, NF and Power Gain vs.
Case Temperature, f = 1.0 GHz,
Id=50mA.
P1 dB
GP
0.1
0.2 0.3
0.5
2.0
1.0
4.0
FREQUENCY (GHz)
Figure 5. Output Power at 1 dB Gain
Compression vs. Frequency.
3
6
9
12
15
18
21
Id = 70 mA
Id = 30 mA
Id = 50 mA
6.0
5.5
6.5
7.0
7.5
FREQUENCY (GHz)
Figure 6. Noise Figure vs. Frequency.
0.1
0.2 0.3
0.5
2.0
1.0
Id = 30 mA
Id = 50 mA
Id = 70 mA
0.1 GHz
1.0 GHz
2.0 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com